Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM4963RGHTR-G1 Arkusz danych(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Numer części AM4963RGHTR-G1
Szczegółowy opis  Single Phase Full Wave Direct PWM Motor Driver CPU Cooler Fan in PC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4963RGHTR-G1 Arkusz danych(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4963RGHTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM4963RGHTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM4963RGHTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4963RGHTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4963RGHTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4963RGHTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4963RGHTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4963RGHTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4963RGHTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet
Single Phase Full Wave Direct PWM Motor Driver
AM4963/AM4963R
Sep. 2011 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
6
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
18
V
Output Current
IOUT
1.0
A
Output Voltage
VOUT
18
V
RD Output Voltage
VRD
18
V
FG Output Voltage
VFG
18
V
RD Output Current
IRD
10
mA
FG Output Current
IFG
10
mA
SSOP-16
0.8
W
Power Dissipation
PD
HTSSOP-14
1.1
W
Storage Temperature Range
TSTG
-55 to 150
°C
SSOP-16
156
Thermal Resistance
(Junction to Ambient)
θJA
HTSSOP-14
114
°C/W
ESD (Human Body Model)
ESD
3000
V
ESD (Machine Model)
ESD
300
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
3.5
12
16
V
Hall Input Voltage + (Note 2)
VIN+
0.2
3
V
Hall Input Voltage - (Note 2)
VIN-
0.2
3
V
Ambient Temperature
TA
-30
90
°C
Note 2: Hall input voltage range includes the amplitude of signal.


Podobny numer części - AM4963RGHTR-G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
BCD Semiconductor Manuf...
AM4963RGHTR-G1 BCDSEMI-AM4963RGHTR-G1 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
logo
Diodes Incorporated
AM4963RGHTR-G1 DIODES-AM4963RGHTR-G1 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
More results

Podobny opis - AM4963RGHTR-G1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com