Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX2245WM Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części 74VCX2245WM
Szczegółowy opis  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in B Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX2245WM Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

  74VCX2245WM Datasheet HTML 1Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 2Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 3Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 4Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 5Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 6Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 7Page - Fairchild Semiconductor 74VCX2245WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
Conditions
VCC
TA 25qC
Units
(V)
Typical
VOLP
Quiet Output Dynamic Peak VOL,CL 30 pF, VIH VCC, VIL 0V
1.8
0.3
V
B to A
2.5
0.7
3.3
1.0
Quiet Output Dynamic Peak VOL,
CL 30 pF, VIH VCC, VIL 0V
1.8
0.2
V
A to B
2.5
0.45
3.3
0.65
VOLV
Quiet Output Dynamic Valley VOL,
CL 30 pF, VIH VCC, V IL 0V
1.8
0.3
V
B to A
2.5
0.7
3.3
1.0
Quiet Output Dynamic Valley, VOL,CL 30 pF, VIH VCC, V IL 0V
1.8
0.2
V
A to B
2.5
0.45
3.3
0.65
VOHV
Quiet Output Dynamic Valley VOH,CL 30 pF, VIH VCC, V IL 0V
1.8
1.3
V
B to A
2.5
1.7
3.3
2.0
Quiet Output Dynamic Valley VOH,CL 30 pF, VIH VCC, V IL 0V
1.8
1.5
V
A to B
2.5
2.0
3.3
2.5
Symbol
Parameter
Conditions
TA 25qC
Units
Typical
CIN
Input Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
6
pF
CI/O
Input/Output Capacitance
VI 0V or VCC, VCC 1.8V, 2.5V or 3.3V
7
pF
CPD
Power Dissipation Capacitance
VI 0V or VCC, f 10 MHz, VCC 1.8V, 2.5V or 3.3V
20
pF


Podobny numer części - 74VCX2245WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX2245WM FAIRCHILD-74VCX2245WM Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74VCX2245WMX FAIRCHILD-74VCX2245WMX Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
More results

Podobny opis - 74VCX2245WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74ALVC2245 FAIRCHILD-74ALVC2245 Datasheet
85Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74ALVC2245 FAIRCHILD-74ALVC2245_05 Datasheet
105Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
74VCX2245 FAIRCHILD-74VCX2245 Datasheet
596Kb / 12P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245 Datasheet
107Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors in B Outputs
74ALVC162245 FAIRCHILD-74ALVC162245 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in A Port Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
544Kb / 11P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245_08 Datasheet
310Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74ALVC245 FAIRCHILD-74ALVC245 Datasheet
100Kb / 7P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74VCX245 FAIRCHILD-74VCX245 Datasheet
80Kb / 8P
   Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com