Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX32244G Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części 74VCX32244G
Szczegółowy opis  Low Voltage 32-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX32244G Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  74VCX32244G Datasheet HTML 1Page - Fairchild Semiconductor 74VCX32244G Datasheet HTML 2Page - Fairchild Semiconductor 74VCX32244G Datasheet HTML 3Page - Fairchild Semiconductor 74VCX32244G Datasheet HTML 4Page - Fairchild Semiconductor 74VCX32244G Datasheet HTML 5Page - Fairchild Semiconductor 74VCX32244G Datasheet HTML 6Page - Fairchild Semiconductor 74VCX32244G Datasheet HTML 7Page - Fairchild Semiconductor 74VCX32244G Datasheet HTML 8Page - Fairchild Semiconductor 74VCX32244G Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Connection Diagram
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= High Impedance
Pin Names
Description
OEn
Output Enable Input (Active LOW)
I0–I31
Inputs
O0–O31
Outputs
12
345
6
A
O1
O0
OE1
OE2
I0
I1
B
O3
O2
GND
GND
I2
I3
C
O5
O4
VCC
VCC
I4
I5
D
O7
O6
GND
GND
I6
I7
E
O9
O8
GND
GND
I8
I9
F
O11
O10
VCC
VCC
I10
I11
G
O13
O12
GND
GND
I12
I13
H
O14
O15
OE4
OE3
I15
I14
J
O17
O16
OE5
OE6
I16
I17
K
O19
018
GND
GND
I18
I19
L
O21
O20
VCC
VCC
I20
I21
M
O23
O22
GND
GND
I22
I23
N
O25
O24
GND
GND
I24
I25
P
O27
O26
VCC
VCC
I26
I27
R
O29
O28
GND
GND
I28
I29
T
O30
O31
OE8
OE7
I31
I30
Inputs
Outputs
OE1
I0-I3
O0-O3
LL
L
LH
H
HX
Z
Inputs
Outputs
OE2
I4-I7
O4-O7
LL
L
LH
H
HX
Z
Inputs
Outputs
OE3
I8-I11
O8–O11
LL
L
LH
H
HX
Z
Inputs
Outputs
OE4
I12-I15
O12-O15
LL
L
LH
H
HX
Z
Inputs
Outputs
OE5
I16-I19
O16-O19
LL
L
LH
H
HX
Z
Inputs
Outputs
OE6
I20-I23
O20-O23
LL
L
LH
H
HX
Z
Inputs
Outputs
OE7
I24-I27
O24-O27
LL
L
LH
H
HX
Z
Inputs
Outputs
OE8
I28-I31
O28-O31
LL
L
LH
H
HX
Z


Podobny numer części - 74VCX32244G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
74VCX32245GX FAIRCHILD-74VCX32245GX Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
More results

Podobny opis - 74VCX32244G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX16827 FAIRCHILD-74VCX16827 Datasheet
55Kb / 7P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16244 FAIRCHILD-74ALVC16244 Datasheet
117Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16244 FAIRCHILD-74VCX16244 Datasheet
52Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16827 FAIRCHILD-74ALVC16827 Datasheet
76Kb / 6P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
International Rectifier
74VCX16827 IRF-74VCX16827_02 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74VCX16827 FAIRCHILD-74VCX16827_02 Datasheet
107Kb / 8P
   Low Voltage 20-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240 Datasheet
52Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74ALVC16240 FAIRCHILD-74ALVC16240 Datasheet
99Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74VCX16240 FAIRCHILD-74VCX16240_05 Datasheet
155Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
74LCX32244 FAIRCHILD-74LCX32244 Datasheet
107Kb / 7P
   Low Voltage 32-Bit Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com