Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VCX32373GX Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74VCX32373GX
Szczegółowy opis  Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX32373GX Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74VCX32373GX Datasheet HTML 1Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 2Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 3Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 4Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 5Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 6Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 7Page - Fairchild Semiconductor 74VCX32373GX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions (Note 5)
Note 3: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The “Recommended Operating Conditions” table will define the condi-
tions for actual device operation.
Note 4: IO Absolute Maximum Rating must be observed.
Note 5: Floating or unused inputs must be held HIGH or LOW.
DC Electrical Characteristics (2.7V
< V
CC ≤ 3.6V)
Note 6: Outputs disabled or 3-STATE only.
Supply Voltage (VCC)
−0.5V to +4.6V
DC Input Voltage (VI)
−0.5V to +4.6V
Output Voltage (VO)
Outputs 3-STATED
−0.5V to +4.6V
Outputs Active (Note 4)
−0.5V to V
CC +0.5V
DC Input Diode Current (IIK) VI < 0V
−50 mA
DC Output Diode Current (IOK)
VO < 0V
−50 mA
VO > VCC
+50 mA
DC Output Source/Sink Current
(IOH/IOL)
±50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
±100 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Supply
Operating
1.65V to 3.6V
Data Retention Only
1.2V to 3.6V
Input Voltage
−0.3V to +3.6V
Output Voltage (VO)
Output in Active States
0V to VCC
Output in “OFF” State
0.0V to 3.6V
Output Current in IOH/IOL
VCC = 3.0V to 3.6V
±24 mA
VCC = 2.3V to 2.7V
±18 mA
VCC = 1.65V to 2.3V
±6 mA
Free Air Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆t/∆V)
VIN = 0.8V to 2.0V, VCC = 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
2.7–3.6
2.0
V
VIL
LOW Level Input Voltage
2.7–3.6
0.8
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
2.7–3.6
VCC − 0.2
V
IOH = −12 mA
2.7
2.2
V
IOH = −18 mA
3.0
2.4
V
IOH = −24 mA
3.0
2.2
V
VOL
LOW Level Output Voltage
IOL = 100 µA
2.7–3.6
0.2
V
IOL = 12 mA
2.7
0.4
V
IOL = 18 mA
3.0
0.4
V
IOL = 24 mA
3.0
0.55
V
II
Input Leakage Current
0
≤ V
I ≤ 3.6V
2.7–3.6
±5.0
µA
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
2.7–3.6
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0
≤ (V
I, VO) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.7–3.6
20
µA
VCC ≤ (VI, VO) ≤ 3.6V (Note 6)
2.7–3.6
±20
µA
∆I
CC
Increase in ICC per Input
VIH = VCC − 0.6V
2.7–3.6
750
µA


Podobny numer części - 74VCX32373GX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VCX32374 FAIRCHILD-74VCX32374 Datasheet
128Kb / 9P
   Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74VCX32374G FAIRCHILD-74VCX32374G Datasheet
128Kb / 9P
   Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
More results

Podobny opis - 74VCX32373GX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LCX32373 FAIRCHILD-74LCX32373 Datasheet
252Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 5V Tolerant Inputs and Outputs Preliminary
74VCX16841 FAIRCHILD-74VCX16841 Datasheet
65Kb / 7P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16373 FAIRCHILD-74VCX16373 Datasheet
125Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16373 FAIRCHILD-74ALVC16373 Datasheet
124Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74ALVC16841 FAIRCHILD-74ALVC16841 Datasheet
95Kb / 6P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX16841 FAIRCHILD-74VCX16841_04 Datasheet
146Kb / 9P
   Low Voltage 20-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
74VCX32245 FAIRCHILD-74VCX32245 Datasheet
70Kb / 7P
   Low Voltage 32-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs (Preliminary)
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74LCX16841 FAIRCHILD-74LCX16841 Datasheet
91Kb / 8P
   Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com