Zakładka z wyszukiwarką danych komponentów |
|
74VCXF162835MTD Arkusz danych(PDF) 4 Page - Fairchild Semiconductor |
|
74VCXF162835MTD Arkusz danych(HTML) 4 Page - Fairchild Semiconductor |
4 / 8 page www.fairchildsemi.com 4 DC Electrical Characteristics (2.3V ≤ V CC ≤ 2.7V) Note 9: Outputs disabled or 3-STATE only. DC Electrical Characteristics (1.65V ≤ V CC < 2.3V) Note 10: Outputs disabled or 3-STATE only. Symbol Parameter Conditions VCC Min Max Units (V) VIH HIGH Level Input Voltage 2.3–2.7 1.6 V VIL LOW Level Input Voltage 2.3–2.7 0.7 V VOH HIGH Level Output Voltage IOH = −100 µA2.3–2.7 VCC − 0.2 V IOH = −3 mA 2.3 2.0 IOH = −6 mA 2.3 1.8 IOH = −8 mA 2.3 1.7 VOL LOW Level Output Voltage IOL = 100 µA2.3–2.7 0.2 IOL = 6 mA 2.3 0.4 V IOL = 8 mA 2.3 0.6 II Input Leakage Current VI = VCC or GND 2.3–2.7 ±5.0 µA IOZ 3-STATE Output Leakage 0 ≤ V O ≤ 3.6V 2.3–2.7 ±10 µA VI = VIH or VIL IOFF Power Off Leakage Current 0 ≤ (V O) ≤ 3.6V 0 10 µA ICC Quiescent Supply Current VI = VCC or GND 2.3–2.7 20 µA VCC ≤ (VO) ≤ 3.6V (Note 9) 2.3–2.7 ±20 Symbol Parameter Conditions VCC Min Max Units (V) VIH HIGH Level Input Voltage 1.65 - 2.3 0.65 × V CC V VIL LOW Level Input Voltage 1.65 - 2.3 0.35 × V CC V VOH HIGH Level Output Voltage IOH = −100 µA 1.65 - 2.3 VCC − 0.2 V IOH = −3 mA 1.65 1.25 VOL LOW Level Output Voltage IOL = 100 µA 1.65 - 2.3 0.2 V IOL = 3 mA 1.65 0.3 II Input Leakage Current VI = VCC or GND 1.65 - 2.3 ±5.0 µA IOZ 3-STATE Output Leakage 0 ≤ V O ≤ 3.6V 1.65 - 2.3 ±10 µA VI = VIH or VIL IOFF Power Off Leakage Current 0 ≤ (V O) ≤ 3.6V 0 10 µA ICC Quiescent Supply Current VI = VCC or GND 1.65 - 2.3 20 µA VCC ≤ (VO) ≤ 3.6V (Note 10) 1.65 - 2.3 ±20 |
Podobny numer części - 74VCXF162835MTD |
|
Podobny opis - 74VCXF162835MTD |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |