Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-7530 Arkusz danych(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADNS-7530
Szczegółowy opis  Integrated molded lead-frame DIP Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7530 Arkusz danych(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-7530 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-7530 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
7
Figure 7. Schematic Diagram for 3-Button Scroll Wheel Cordless Mouse Dongle
Notes
1. The supply and ground paths should be laid out using a star methodology.
2. Level shifting is required to interface a 5V micro-controller to the ADNS-7530. If a 3V micro-controller is used, the 74VHC125 component shown
may be omitted
3. All grounds MUST be correctly separated into digital and analog grounds. The digital and analog ground lines MUST be reconnected as far away as
possible at either the negative terminal of the battery or at the USB connector.


Podobny numer części - ADNS-7530

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pixart Imaging Inc.
ADNS-7530 PIXART-ADNS-7530 Datasheet
1Mb / 36P
   Integrated molded lead-frame DIP Sensor
ADNS-7530 PIXART-ADNS-7530_16 Datasheet
1Mb / 12P
   Integrated molded lead-frame DIP Sensor
More results

Podobny opis - ADNS-7530

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7550 AVAGO-ADNS-7550 Datasheet
440Kb / 32P
   Integrated molded lead-frame DIP Sensor
logo
Pixart Imaging Inc.
ADNS-7530 PIXART-ADNS-7530_16 Datasheet
1Mb / 12P
   Integrated molded lead-frame DIP Sensor
ADNS-7530 PIXART-ADNS-7530 Datasheet
1Mb / 36P
   Integrated molded lead-frame DIP Sensor
ADNS-7550 PIXART-ADNS-7550 Datasheet
822Kb / 32P
   Integrated molded lead-frame DIP Sensor
ADNS-7550 PIXART-ADNS-7550_16 Datasheet
611Kb / 9P
   Integrated molded lead-frame DIP Sensor
logo
National Semiconductor ...
N18A NSC-N18A Datasheet
28Kb / 1P
   MOLDED DIP, 18 LEAD, .300 CETER
logo
Meder Electronic
DIP MEDER-DIP Datasheet
433Kb / 5P
   Molded DIP
logo
Bourns Electronic Solut...
4116T-2-2222FAB BOURNS-4116T-2-2222FAB Datasheet
202Kb / 1P
   Thin Film Molded DIP
4100T BOURNS-4100T Datasheet
181Kb / 1P
   Thin Film Molded DIP
logo
Meder Electronic
DIP12-1A75-13L MEDER-DIP12-1A75-13L Datasheet
493Kb / 1P
   Molded DIP Reed Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com