Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHC157SJ Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74VHC157SJ
Szczegółowy opis  Quad 2-Input Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC157SJ Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74VHC157SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC157SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
November 1992
Revised April 1999
© 1999 Fairchild Semiconductor Corporation
DS011536.prf
www.fairchildsemi.com
74VHC157
Quad 2-Input Multiplexer
General Description
The VHC157 is an advanced high speed CMOS Quad 2-
Channel Multiplexer fabricated with silicon gate CMOS
technology. It achieves the high speed operation similar to
equivalent Bipolar Schottky TTL while maintaining the
CMOS low power dissipation.
It consists of four 2-input digital multiplexers with common
select and enable inputs. When the ENABLE input is held
“H” level, selection of data is inhibited and all the outputs
become “L” level. The SELECT decoding determines
whether the I0x or I1x inputs get routed to their correspond-
ing outputs.
An Input protection circuit ensures that 0V to 7V can be
applied to the input pins without regard to the supply volt-
age. This device can be used to interface 5V to 3V systems
and on two supply systems such as battery back up. This
circuit prevents device destruction due to mismatched sup-
ply and input voltages.
Features
s High Speed: tPD = 4.1 ns (typ) at VCC = 5V
s Low power dissipation: ICC = 4 µA (max.) at TA = 25°C
s High noise immunity: VNIH = VNIL = 28% VCC (min.)
s Power down protection is provided on all inputs
s Low noise: VOLP = 0.8V (max.)
s Pin and function compatible with 74HC157
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74VHC157M
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow
74VHC157SJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC157MTC
MTC16
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC157N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
I0a–I0d
Source 0 Data Inputs
I1a–I1d
Source 1 Data Inputs
E
Enable Input
S
Select Input
Za–Zd
Outputs


Podobny numer części - 74VHC157SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC157SJ FAIRCHILD-74VHC157SJ Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
74VHC157SJ ONSEMI-74VHC157SJ Datasheet
339Kb / 12P
   Quad 2-Input Multiplexer
May 2007 Rev. 1.2
More results

Podobny opis - 74VHC157SJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com