Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHC161M Arkusz danych(PDF) 6 Page - Fairchild Semiconductor

Numer części 74VHC161M
Szczegółowy opis  4-Bit Binary Counter with Asynchronous Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC161M Arkusz danych(HTML) 6 Page - Fairchild Semiconductor

Back Button 74VHC161M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC161M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC161M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC161M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC161M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC161M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC161M Datasheet HTML 8Page - Fairchild Semiconductor 74VHC161M Datasheet HTML 9Page - Fairchild Semiconductor 74VHC161M Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Operating Requirements
Note 5: VCC is 3.3 ± 0.3V or 5.0 ± 0.5V
Symbol
Parameter
VCC
(Note 5)
(V)
TA = 25°CTA = −40°C to +85°C
Units
Typ
Guaranteed Minimum
tS
Minimum Setup Time
3.3
5.5
6.5
ns
(Pn–CP)
5.0
4.5
4.5
tS
Minimum Setup Time
3.3
8.0
9.5
ns
(PE –CP)
5.0
5.0
6.0
tS
Minimum Setup Time
3.3
7.5
9.0
ns
(CEP or CET–CP)
5.0
5.0
6.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(Pn–CP)
5.0
1.0
1.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(PE –CP)
5.0
1.0
1.0
tH
Minimum Hold Time
3.3
1.0
1.0
ns
(CEP or CET–CP)
5.0
1.0
1.0
tW(L)
Minimum Pulse Width
3.3
5.0
5.0
ns
tW(H)
CP (Count)
5.0
5.0
5.0
tW(L)
Minimum Pulse Width
3.3
5.0
5.0
ns
(MR)5.0
5.0
5.0
tREC
Minimum Removal
3.3
2.5
2.5
ns
Time
5.0
1.5
1.5


Podobny numer części - 74VHC161M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC161284 FAIRCHILD-74VHC161284 Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74VHC161284MEA FAIRCHILD-74VHC161284MEA Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74VHC161284MEAX FAIRCHILD-74VHC161284MEAX Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74VHC161284MTD FAIRCHILD-74VHC161284MTD Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
74VHC161284MTDX FAIRCHILD-74VHC161284MTDX Datasheet
205Kb / 11P
   IEEE 1284 Transceiver
More results

Podobny opis - 74VHC161M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
HCF40161B STMICROELECTRONICS-HCF40161B Datasheet
288Kb / 14P
   SYNCHRONOUS PROGRAMMABLE 4-BIT BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Texas Instruments
74ACT11867 TI1-74ACT11867 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
Fairchild Semiconductor
74VHC163 FAIRCHILD-74VHC163 Datasheet
123Kb / 10P
   4-Bit Binary Counter with Synchronous Clear
DM74AS161 FAIRCHILD-DM74AS161 Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
logo
Texas Instruments
74ACT11867 TI1-74ACT11867_13 Datasheet
188Kb / 11P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN BINARY COUNTER WITH ASYNCHRONOUS CLEAR
logo
NXP Semiconductors
HEF40161B PHILIPS-HEF40161B Datasheet
152Kb / 10P
   4-bit synchronous binary counter with asynchronous reset
January 1995
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com