Zakładka z wyszukiwarką danych komponentów |
|
BA2115FVM Arkusz danych(PDF) 6 Page - Rohm |
|
BA2115FVM Arkusz danych(HTML) 6 Page - Rohm |
6 / 50 page Technical Note 6/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Electrical characteristics ○ BA4564R family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Full range -40[℃]~+105[℃]) Parameter Symbol Temperature Range Limits Unit Condition BA4564RFV Min. Typ. Max. Input Offset Voltage (*11) Vio 25℃ - 0.5 6 mV VOUT=0[V] Full range - - 7 Input Offset Current (*11) Iio 25℃ - 5 200 nA VOUT=0[V] Full range - - 200 Input Bias Current (*12) Ib 25℃ - 50 500 nA VOUT=0[V] Full range - - 800 Supply Current ICC 25℃ - 6 14 mA RL=∞ All Op-Amps VIN+=0[V] Full range - - 15 Maximum Output Voltage VOH 25℃ ±12 ±14 - V RL≧2[kΩ] Full range ±10 ±11.5 - Large Signal Voltage Gain AV 25℃ 86 100 - dB RL≧2[kΩ], VOUT=±10[V], Vicm=0[V] Full range 83 - - Input Common-mode Voltage Range Vicm 25℃ ±12 ±14 - V VOUT=±12[V] Full range ±12 - - Common-mode Rejection Ratio CMRR 25℃ 70 90 - dB VOUT=±12[V] Power Supply Rejection Ratio PSRR 25℃ 76.5 90 - dB Ri≦10[kΩ] Channel Separation CS 25℃ - 105 - dB R1=100[Ω], f=1[kHz] Slew Rate SR 25℃ - 4 - V/μs AV=0[dB], RL=10[kΩ] CL=100[pF] Unity Gain Frequency ft 25℃ - 4 - MHz RL=2[kΩ] Total Harmonic Distortion THD 25℃ - 0.003 - % AV=20[dB], RL=10[kΩ] VIN=0.05[Vrms], f=1[kHz] Input Referred Noise Voltage Vn 25℃ - 8 - Hz nV/ RS=100[Ω], Vi=0[V], f=1[kHz] (*11) Absolute value (*12) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. |
Podobny numer części - BA2115FVM |
|
Podobny opis - BA2115FVM |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |