Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP5052-EVALZ Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADP5052-EVALZ
Szczegółowy opis  5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP5052-EVALZ Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADP5052-EVALZ Datasheet HTML 4Page - Analog Devices ADP5052-EVALZ Datasheet HTML 5Page - Analog Devices ADP5052-EVALZ Datasheet HTML 6Page - Analog Devices ADP5052-EVALZ Datasheet HTML 7Page - Analog Devices ADP5052-EVALZ Datasheet HTML 8Page - Analog Devices ADP5052-EVALZ Datasheet HTML 9Page - Analog Devices ADP5052-EVALZ Datasheet HTML 10Page - Analog Devices ADP5052-EVALZ Datasheet HTML 11Page - Analog Devices ADP5052-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADP5052
Data Sheet
Rev. 0 | Page 8 of 40
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
PVIN1 to PGND
−0.3 V to +18 V
PVIN2 to PGND
−0.3 V to +18 V
PVIN3 to PGND3
−0.3 V to +18 V
PVIN4 to PGND4
−0.3 V to +18 V
PVIN5 to GND
−0.3 V to +6.5 V
SW1 to PGND
−0.3 V to +18 V
SW2 to PGND
−0.3 V to +18 V
SW3 to PGND3
−0.3 V to +18 V
SW4 to PGND4
−0.3 V to +18 V
PGND to GND
−0.3 V to +0.3 V
PGND3 to GND
−0.3 V to +0.3 V
PGND4 to GND
−0.3 V to +0.3 V
BST1 to SW1
−0.3 V to +6.5 V
BST2 to SW2
−0.3 V to +6.5 V
BST3 to SW3
−0.3 V to +6.5 V
BST4 to SW4
−0.3 V to +6.5 V
DL1 to PGND
−0.3 V to +6.5 V
DL2 to PGND
−0.3 V to +6.5 V
SS12, SS34 to GND
−0.3 V to +6.5 V
EN1, EN2, EN3, EN4, EN5 to GND
−0.3 V to +6.5 V
VREG to GND
−0.3 V to +6.5 V
SYNC/MODE to GND
−0.3 V to +6.5 V
VOUT5, FB5 to GND
−0.3 V to +6.5 V
RT to GND
−0.3 V to +3.6 V
PWRGD to GND
−0.3 V to +6.5 V
FB1, FB2, FB3, FB4 to GND1
−0.3 V to +3.6 V
FB2 to GND2
−0.3 V to +6.5 V
FB4 to GND2
−0.3 V to +7 V
COMP1, COMP2, COMP3, COMP4
to GND
−0.3 V to +3.6 V
VDD to GND
−0.3 V to +3.6 V
Storage Temperate Range
−65°C to +150°C
Operational Junction Temperature
Range
−40°C to +125°C
1
This rating applies to the adjustable output voltage models of the ADP5052.
2
This rating applies to the fixed output voltage models of the ADP5052.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 5. Thermal Resistance
Package Type
θJA
θJC
Unit
48-Lead LFCSP
27.87
2.99
°C/W
ESD CAUTION


Podobny numer części - ADP5052-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP5052 AD-ADP5052 Datasheet
1Mb / 37P
   Integrated Power Solution with Quad Buck
More results

Podobny opis - ADP5052-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP5050 AD-ADP5050 Datasheet
1Mb / 60P
   5-Channel Integrated Power Solution with Quad Buck Regulators and 200 mA LDO Regulator
REV. 0
ADP5054 AD-ADP5054 Datasheet
712Kb / 31P
   Quad Buck Regulator Integrated Power Solution
ADP5014 AD-ADP5014 Datasheet
827Kb / 34P
   Integrated Power Solution with Quad Low Noise Buck Regulators
Rev. A
ADP5053 AD-ADP5053 Datasheet
1Mb / 37P
   Integrated Power Solution with Quad Buck
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
Analog Devices
ADP5310 AD-ADP5310 Datasheet
795Kb / 28P
   3-Channel, Integrated Ultralow Power Solution with Dual Buck Regulators and Load Switch
Rev. A
ADP5056 AD-ADP5056 Datasheet
962Kb / 31P
   Triple Buck Regulator Integrated Power Solution
Rev. 0
LT3383 AD-LT3383 Datasheet
1,011Kb / 18P
   Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators
09/21 Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com