Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1653Q1G5NAGA Arkusz danych(PDF) 3 Page - Integrated Device Technology

Numer części DAC1653Q1G5NAGA
Szczegółowy opis  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1653Q1G5NAGA Arkusz danych(HTML) 3 Page - Integrated Device Technology

  DAC1653Q1G5NAGA Datasheet HTML 1Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 2Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 3Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 4Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 5Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 6Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 7Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 8Page - Integrated Device Technology DAC1653Q1G5NAGA Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
3 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
3. Applications
Wireless infrastructure radio base station transceivers, including: LTE-A, LTE,
MC_GSM, W-CDMA, TD-SCDMA
LMDS/MMDS, point-to-point microwave backhaul
Direct Digital Synthesis (DDS) instruments
High-definition video broadcast production equipment
Automated Test Equipment (ATE)
4. Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
DAC1653Q1G5NAGA
HLA72
HLA 10
 10  0.85 mm
PSC-4438
DAC1653Q1G25NAGA HLA72
HLA 10
 10  0.85 mm
PSC-4438
DAC1653Q1G0NAGA
HLA72
HLA 10
 10  0.85 mm
PSC-4438
DAC1658Q1G5NAGA
HLA72
HLA 10
 10  0.85 mm
PSC-4438
DAC1658Q1G25NAGA HLA72
HLA 10
 10  0.85 mm
PSC-4438
DAC1658Q1G0NAGA
HLA72
HLA 10
 10  0.85 mm
PSC-4438


Podobny numer części - DAC1653Q1G5NAGA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
DAC1653Q1G5NAGA RENESAS-DAC1653Q1G5NAGA Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653Q1G5NAGA8 RENESAS-DAC1653Q1G5NAGA8 Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
More results

Podobny opis - DAC1653Q1G5NAGA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Texas Instruments
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
logo
Linear Technology
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664_15 Datasheet
233Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com