Zakładka z wyszukiwarką danych komponentów |
|
ACE1101LMT8X Arkusz danych(PDF) 2 Page - Fairchild Semiconductor |
|
ACE1101LMT8X Arkusz danych(HTML) 2 Page - Fairchild Semiconductor |
2 / 33 page 2 www.fairchildsemi.com ACE1101 Rev. C.8 Absolute Maximum Ratings Ambient Storage Temperature -65 °C to +150°C Input Voltage not including G3 -0.3V to V CC+0.3V G3 Input Voltage 0.3V to 13V Lead Temperature (10s max) +300 °C Electrostatic Discharge on all pins 2000V min Operating Conditions Ambient Operating Temperature: ACE1101 0 °C to 70°C ACE1101E -40 °C to +85°C Operating Supply Voltage: From -40 °C to 85°C: 2.2V to 5.5V See table for EEPROM write limits Relative Humidity (non-condensing) 95% ACE1101 DC Electrical Characteristics for VCC = 2.2 to 5.5V All measurements valid for ambient operating temperature range unless otherwise stated. Symbol Parameter Conditions MIN TYP MAX Units I CC Supply Current – 2.2V 0.5 1.0 mA no EEPROM write in 3.3V 1.0 1.5 mA progress 5.5V 1.6 2.0 mA I CCH HALT Mode current 3.3V, -40 °C to 25°C 10 100 nA 5.5V, -40 °C to 25°C 200 1000 nA 3.3V, 25 °C to +85°C 50 1000 nA 5.5V, 25 °C to +85°C 400 2500 nA 3.3V, -40 °C to +125°C 350 5000 nA 5.5V, -40 °C to +125°C 1200 8000 nA ICCI IDLE Mode Current 5.5V 120 250 µA* 3.3V 100 150 µA* V CCW EEPROM Write Voltage Code EEPROM in 4.5 5.0 5.5 V Programming Mode Data EEPROM in 2.4 5.5 V Operating Mode S VCC Power Supply Slope 1us/V 10ms/V Inputs V IH Logic High 0.8V CC V V IL Logic Low 0.2 V CC V I IP Input Pull-up Current V CC=5.5V, VIN=0V 30 65 350 µA I TL TRI-STATE Leakage V CC=5.5V 2 200 nA V OL Output Low Voltage - V OL V CC= 3.3V – 5.5V G0, G1, G2, G4, G6, G7 5.0 mA sink 0.2 V CC V G5 10.0 mA sink 0.2 VCC V V CC= 2.2V – 3.3V 3.0 mA sink 0.2 V CC V 5.0 mA sink 0.2 VCC V V OH Output High Voltage - V OH V CC= 3.3V – 5.5V G0, G1, G2, G4, G6, G7 0.4 mA source 0.8 VCC V G5 1.0 mA source 0.8 V CC V V CC= 2.2V – 3.3V 0.4 mA source 0.8 VCC V 0.8 mA source 0.8 V CC V * Based on continuous IDLE looping. |
Podobny numer części - ACE1101LMT8X |
|
Podobny opis - ACE1101LMT8X |