Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC238 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części BC238
Szczegółowy opis  NPN EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC238 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  BC238 Datasheet HTML 1Page - Fairchild Semiconductor BC238 Datasheet HTML 2Page - Fairchild Semiconductor BC238 Datasheet HTML 3Page - Fairchild Semiconductor BC238 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
: BC237
: BC238/239
50
30
V
V
VCEO
Collector-Emitter Voltage
: BC237
: BC238/239
45
25
V
V
VEBO
Emitter-Base Voltage
: BC237
: BC238/239
6
5
V
V
IC
Collector Current (DC)
100
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
: BC237
: BC238/239
IC=2mA, IB=0
45
25
V
V
BVEBO
Emitter Base Breakdown Voltage
: BC237
: BC238/239
IE=1µA, IC=0
6
5
V
V
ICES
Collector Cut-off Current
: BC237
: BC238/239
VCE=50V, VBE=0
VCE=30V, VBE=0
0.2
0.2
15
15
nA
nA
hFE
DC Current Gain
VCE=5V, IC=2mA
120
800
VCE (sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
0.07
0.2
0.2
0.6
V
V
VBE (sat)
Collector-Base Saturation Voltage
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
0.73
0.87
0.83
1.05
V
V
VBE (on)
Base-Emitter On Voltage
VCE=5V, IC=2mA
0.55
0.62
0.7
V
fT
Current Gain Bandwidth Product
VCE=3V, IC=0.5mA, f=100MHz
VCE=5V, IC=10mA, f=100MHz
150
85
250
MHz
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
3.5
6
pF
Cib
Input Base Capacitance
VEB=0.5V, IC=0, f=1MHz
8
pF
NF
Noise Figure
: BC237/238
: BC239
: BC239
VCE=5V, IC=0.2mA,
f=1KHz RG=2KΩ
VCE=5V, IC=0.2mA
RG=2KΩ, f=30~15KHz
210
4
4
dB
dB
dB
Classification
A
B
C
hFE
120 ~ 220
180 ~ 460
380 ~ 800
BC237/238/239
Switching and Amplifier Applications
• Low Noise: BC239
1. Collector 2. Base 3. Emitter
TO-92
1


Podobny numer części - BC238

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
BC238 KEC-BC238 Datasheet
140Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
logo
List of Unclassifed Man...
BC238 ETC-BC238 Datasheet
75Kb / 1P
   Low Level and General Purpose Amplifiers
logo
Micro Electronics
BC238 MICRO-ELECTRONICS-BC238 Datasheet
228Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Dc Components
BC238 DCCOM-BC238 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC238 SEMTECH_ELEC-BC238 Datasheet
138Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
More results

Podobny opis - BC238

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com