Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE12022BN14 Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części ACE12022BN14
Szczegółowy opis  Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE12022BN14 Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button ACE12022BN14 Datasheet HTML 3Page - Fairchild Semiconductor ACE12022BN14 Datasheet HTML 4Page - Fairchild Semiconductor ACE12022BN14 Datasheet HTML 5Page - Fairchild Semiconductor ACE12022BN14 Datasheet HTML 6Page - Fairchild Semiconductor ACE12022BN14 Datasheet HTML 7Page - Fairchild Semiconductor ACE12022BN14 Datasheet HTML 8Page - Fairchild Semiconductor ACE12022BN14 Datasheet HTML 9Page - Fairchild Semiconductor ACE12022BN14 Datasheet HTML 10Page - Fairchild Semiconductor ACE12022BN14 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7
www.fairchildsemi.com
ACE1202 Product Family Rev. B.1
3.0 AC & DC Electrical Characteristic Graphs
Figure 5: RC Oscillator Frequency vs. Temperature (VCC=5.0V)
1.000
1.200
1.400
1.600
1.800
2.000
2.200
2.400
2.600
3.3k/82pF
5.6k/100pF
6.8K/100pF
Avg
Min
Max
0.600
0.800
1.000
1.200
1.400
1.600
3.3k/82pF
5.6k/100pF
6.8K/100pF
Avg
Min
Max
Resistor & Capacitor Values [k & pF]
Figure 6: RC Oscillator Frequency vs. Temperature(VCC=2.5V)
Temperature [
°C]
Figure 7: Internal Oscillator Frequency
Resistor & Capacitor Values [k & pF]


Podobny numer części - ACE12022BN14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE12021A ACE-ACE12021A Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE12021AKG+H ACE-ACE12021AKG+H Datasheet
221Kb / 3P
   Dual P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Podobny opis - ACE12022BN14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE8000 FAIRCHILD-ACE8000 Datasheet
203Kb / 31P
   ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Fairchild Semiconductor
FAN302HLMY FAIRCHILD-FAN302HLMY Datasheet
1Mb / 18P
   PWM Controller for Low Standby Power Battery- Charger Applications ??mWSaver??Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com