Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC338 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części BC338
Szczegółowy opis  SWITCHING AND AMPLIFIER APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC338 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  BC338 Datasheet HTML 1Page - Fairchild Semiconductor BC338 Datasheet HTML 2Page - Fairchild Semiconductor BC338 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
: BC337
: BC338
50
30
V
V
VCEO
Collector-Emitter Voltage
: BC337
: BC338
45
25
V
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current (DC)
800
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
: BC337
: BC338
IC=10mA, IB=0
45
25
V
V
BVCES
Collector-Emitter Breakdown Voltage
: BC337
: BC338
IC=0.1mA, VBE=0
50
30
V
V
BVEBO
Emitter-Base Breakdown Voltage
IE=0.1mA, IC=0
5
V
ICES
Collector Cut-off Current
: BC337
: BC338
VCE=45V, IB=0
VCE=25V, IB=0
2
2
100
100
nA
nA
hFE1
hFE2
DC Current Gain
VCE=1V, IC=100mA
VCE=1V, IC=300mA
100
60
630
VCE (sat)
Collector-Emitter Saturation Voltage
IC=500mA, IB=50mA
0.7
V
VBE (on)
Base Emitter On Voltage
VCE=1V, IC=300mA
1.2
V
fT
Current Gain Bandwidth Product
VCE=5V, IC=10mA, f=50MHz
100
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
12
pF
Classification
16
25
40
hFE1
100 ~ 250
160 ~ 400
250 ~ 630
hFE2
60-
100-
170-
BC337/338
Switching and Amplifier Applications
• Suitable for AF-Driver stages and low power output stages
• Complement to BC327/BC328
1. Collector 2. Base 3. Emitter
TO-92
1


Podobny numer części - BC338

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC338 MOTOROLA-BC338 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Dc Components
BC338 DCCOM-BC338 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Fairchild Semiconductor
BC338 FAIRCHILD-BC338 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Semtech Corporation
BC338 SEMTECH-BC338 Datasheet
343Kb / 5P
   NPN Silicon Epitaxial Planar Transistor for switching and amplifier applications???
logo
SeCoS Halbleitertechnol...
BC338 SECOS-BC338 Datasheet
167Kb / 3P
   NPN Plastic-Encapsulate Transistors
More results

Podobny opis - BC338

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC636 FAIRCHILD-BC636_09 Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337_11 Datasheet
148Kb / 3P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33716 FAIRCHILD-BC33716 Datasheet
33Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC546 UTC-BC546 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
   Switching and Amplifier Applications
MPS651 FAIRCHILD-MPS651 Datasheet
57Kb / 3P
   Switching and Amplifier Applications
logo
Unisonic Technologies
UTCBC337 UTC-UTCBC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC327 UTC-BC327 Datasheet
86Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC33740TA FAIRCHILD-BC33740TA Datasheet
33Kb / 3P
   Switching and Amplifier Applications
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com