Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC638 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części BC638
Szczegółowy opis  PNP EPITAXIAL SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC638 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  BC638 Datasheet HTML 1Page - Fairchild Semiconductor BC638 Datasheet HTML 2Page - Fairchild Semiconductor BC638 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC636/638/640
PNP EPITAXIAL SILICON TRANSISTOR
SWITCHING AND AMPLIFIER APPLICATIONS
• Complement to BC635/637/639
ABSOLUTE MAXIMUM RATINGS (TA=25
°°C)
ELECTRICAL CHARACTERISTICS (TA=25
°°C)
Characteristic
Symbol
Rating
Unit
Collector Emitter Voltage
: BC636
at RBE=1Kohm
: BC638
: BC640
Collector Emitter Voltage
: BC636
: BC638
: BC640
Collector Emitter Voltage
: BC636
: BC638
: BC640
Emitter Base Voltage
Collector Current
Peak Collector Current
Base Current
Collector Dissipation
Junction Temperature
Storage Temperature
VCER
VCES
VCEO
VEBO
IC
ICP
IB
PC
TJ
TSTG
-45
-60
-100
-45
-60
-100
-45
-60
-80
-5
-1
-1.5
-100
1
150
-65 ~ 150
V
V
V
V
V
V
V
V
V
V
A
A
mA
W
°C
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
: BC636
: BC638
: BC640
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
: BC635
: BC637/BC639
Collector Emitter Saturation Voltage
Base Emitter On Voltage
Current Gain Bandwidth Product
BVCEO
ICBO
IEBO
hFE
VCE (sat)
VBE (on)
fT
IC= -10mA, IB=0
VCB= -30V, IE=0
VEB= -5V, IC=0
VCE= -2V, IC= -5mA
VCE= -2V, IC= -150mA
VCE= -2V, IC= -500mA
IC= -500mA, IB= -50mA
VCE= -2V, IC= -500mA
VCE= -5V, IC= -10mA, f=50MHz
-45
-60
-80
25
40
40
25
100
-0.1
-0.1
250
160
-0.5
-1
V
V
V
µA
µA
V
V
MHz
TO-92
1. Emitter 2. Collector 3. Base
©1999 Fairchild Semiconductor Corporation
Rev. B


Podobny numer części - BC638

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
BC638 MOTOROLA-BC638 Datasheet
116Kb / 4P
   High Current Transistors
logo
Continental Device Indi...
BC638 CDIL-BC638 Datasheet
121Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
ON Semiconductor
BC638 ONSEMI-BC638 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Nanjing International G...
BC638 DGNJDZ-BC638 Datasheet
97Kb / 3P
   PNP Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
BC638 PHILIPS-BC638 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
More results

Podobny opis - BC638

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com