Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC849 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części BC849
Szczegółowy opis  NPN EPITAXIAL SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC849 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  BC849 Datasheet HTML 1Page - Fairchild Semiconductor BC849 Datasheet HTML 2Page - Fairchild Semiconductor BC849 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN EPITAXIAL
BC846/847/848/849/850
SILICON TRANSISTOR
SWITCHING AND AMPLIFIER APPLICATIONS
• Suitable for automatic insertion in thick and thin-film circuits
• LOW NOISE: BC849, BC850
• Complement to BC856 ... BC860
ABSOLUTE MAXIMUM RATINGS (TA=25
°°C)
ELECTRICAL CHARACTERISTICS (TA=25
°°C)
hFE CLASSIFICATION
MARKING CODE
Characteristic
Symbol
Rating
Unit
Collector Base Voltage
: BC846
: BC847/850
: BC848/849
Collector Emitter Voltage
: BC846
: BC847/850
: BC848/849
Emitter-Base Voltage
: BC846/847
: BC848/849/850
Collector Current (DC)
Collector Dissipation
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
TJ
TSTG
80
50
30
65
45
30
6
5
100
310
150
-65 ~ 150
V
V
V
V
V
V
V
V
mA
mW
°C
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector Cut-off Current
DC Current Gain
Collector Emitter Saturation Voltage
Collector Base Saturation Voltage
Base Emitter On Voltage
Current Gain Bandwidth Product
Collector Base Capacitance
Emitter Base Capacitance
Noise Figure
: BC846/847/848
: BC849/850
: BC849
: BC850
ICBO
hFE
VCE (sat)
VBE (sat)
VBE (on)
fT
CCBO
CEBO
NF
NF
VCB=30V, IE=0
VCE=5V, IC=2mA
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
VCE=5V, IC=2mA
VCE=5V, IC=10mA
VCE=5V, IC=10mA
f=100MHz
VCB=10V, f=1MHz
VEB=0.5V, f=1MHz
VCE=5V, IC=200
µA
f=1KHz, RG=2K
VCE=5V, IC=200
µA
RG=2K
f=30~15000Hz
110
580
90
200
700
900
660
300
3.5
9
2
1.2
1.4
1.4
15
800
250
600
700
720
6
10
4
4
3
nA
mV
mV
mV
mV
mV
mV
MHz
pF
pF
dB
dB
dB
dB
Classification
A
B
C
hFE
110-220
200-450
420-800
TYPE
846A
846B
846C
847A
847B
847C
848A
848B
848C
849A
849B
849C
850A
850B
850C
MARK
8AA
8AB
8AC
8BA
8BB
8BC
8CA
8CB
8CC
8DA
8DB
8DC
8EA
8EB
8EC
SOT-23
1. Base 2. Emitter 3. Collector
©1999 Fairchild Semiconductor Corporation
Rev. B


Podobny numer części - BC849

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BC849 PHILIPS-BC849 Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BC849 KEXIN-BC849 Datasheet
40Kb / 2P
   NPN General Purpose Transistors
logo
Diotec Semiconductor
BC849 DIOTEC-BC849 Datasheet
144Kb / 2P
   SMD General Purpose NPN Transistors
logo
General Semiconductor
BC849 GE-BC849 Datasheet
301Kb / 6P
   Small Signal Transistors (NPN)
logo
Dc Components
BC849 DCCOM-BC849 Datasheet
228Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

Podobny opis - BC849

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com