Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCW32 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części BCW32
Szczegółowy opis  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCW32 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  BCW32 Datasheet HTML 1Page - Fairchild Semiconductor BCW32 Datasheet HTML 2Page - Fairchild Semiconductor BCW32 Datasheet HTML 3Page - Fairchild Semiconductor BCW32 Datasheet HTML 4Page - Fairchild Semiconductor BCW32 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, August 2002
Typical Characteristics (Continued)
Figure 7. Switching Times vs
Collector Current
Figure 8. Power Dissipation vs
Ambient Temperature
10
20
30
50
100
200
300
0
30
60
90
120
150
180
210
240
270
300
I - COLLECTOR CURRENT (mA)
IB1 = IB2 = Ic / 10
V
= 10 V
C
cc
t s
t d
t f
t r
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
TEMPERATURE ( C)
o
SOT-23


Podobny numer części - BCW32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCW32 PHILIPS-BCW32 Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 13
logo
Zetex Semiconductors
BCW32 ZETEX-BCW32 Datasheet
32Kb / 1P
   SOT23 PNP SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Samsung semiconductor
BCW32 SAMSUNG-BCW32 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Nexperia B.V. All right...
BCW32 NEXPERIA-BCW32 Datasheet
318Kb / 7P
   NPN general purpose transistors
2004 Feb 06
logo
Diotec Semiconductor
BCW32 DIOTEC-BCW32 Datasheet
180Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Podobny opis - BCW32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com