Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4001 Arkusz danych(PDF) 1 Page - Leshan Radio Company

Numer części 1N4001
Szczegółowy opis  General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N4001 Arkusz danych(HTML) 1 Page - Leshan Radio Company

  1N4001 Datasheet HTML 1Page - Leshan Radio Company 1N4001 Datasheet HTML 2Page - Leshan Radio Company 1N4001 Datasheet HTML 3Page - Leshan Radio Company 1N4001 Datasheet HTML 4Page - Leshan Radio Company 1N4001 Datasheet HTML 5Page - Leshan Radio Company 1N4001 Datasheet HTML 6Page - Leshan Radio Company 1N4001 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Feature
* Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
* Construction utilizes void-free molded plastic technique
* Low reverse leakage
* High forward surge capability
* Diffused junction
* High temperature soldering guaranteed:
260
°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-41, molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
We declare that the material of product compliance
Weight: 0.011 oz., 0.284 g
with ROHS requirements
Handling precaution:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007
1N4008
Unit
1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007
1N4008
VRRM
50
100
200
400
600
800
1000
1200V
VRSM
35
70
140
280
420
560
700
840
V
VDC
50
100
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
IR(AV)
µA
R
θJA
°C/W
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol 1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007
1N4008
Unit
VF
V
IR
µA
CJ
PF
NOTES:
1. Thermal resistance from junction to ambient at 0.375
” (9.5mm) lead length, P.C.B. mounted
Typical thermal resistance (Note 1)
Operating junction and storage temperature
range
Maximum instantaneous forward voltage at
1.0A
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 100
°C
1N4001 thru 1N4008
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC Method)
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA =
75
°C
Maximum DC blocking voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75
°C
General Purpose Plastic Rectifiers
1.0
30
30
Typical junction capacitance at 4.0V, 1MHz
Parameter Symbol
Reverse Voltage 50 to 1200V Forward Current 1.0A
Parameter Symbol
device marking code
Maximum repetitive peak reverse voltage
Maximum RSM voltage
50
–50 to +150
1.10
5.0
50
15


Podobny numer części - 1N4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4001 EIC-1N4001 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

Podobny opis - 1N4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
1N4008S LRC-1N4008S Datasheet
184Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4008G LRC-1N4008G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N5400 LRC-1N5400_12 Datasheet
205Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 3.0A
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL251 LRC-RL251_11 Datasheet
458Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RL251G LRC-RL251G Datasheet
176Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Rugao Dachang Electroni...
HER101 DACHANG-HER101 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF11 DACHANG-SF11 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com