Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD243A Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części BD243A
Szczegółowy opis  Medium Power Linear and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BD243A Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  BD243A Datasheet HTML 1Page - Fairchild Semiconductor BD243A Datasheet HTML 2Page - Fairchild Semiconductor BD243A Datasheet HTML 3Page - Fairchild Semiconductor BD243A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
0.01
0.1
1
10
10
100
1000
VCE = 2V
IC[A], COLLECTOR CURRENT
0.1
1
10
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
IC = 10.1 IB
IC[A], COLLECTOR CURRENT
0.1
1
10
0.01
0.1
1
IC = 10.1 IB
IC[A], COLLECTOR CURRENT
110
100
0.1
1
10
100
BD243
BD243A
BD243B
BD243C
10
m
s
1m
s
10
µs
100
µs
IC(max)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
10
20
30
40
50
60
70
80
T[
o
C], CASE TEMPERATURE


Podobny numer części - BD243A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BD243A POINN-BD243A Datasheet
86Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
BD243A BOCA-BD243A Datasheet
133Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD243A BOURNS-BD243A Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD243A SAVANTIC-BD243A Datasheet
90Kb / 3P
   Silicon NPN Power Transistors
logo
Continental Device Indi...
BD243A CDIL-BD243A Datasheet
77Kb / 3P
   PLASTIC POWER TRANSISTORS
More results

Podobny opis - BD243A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N6121 BOCA-2N6121 Datasheet
27Kb / 2P
   Medium Power Linear and Switching Applications
logo
Fairchild Semiconductor
BD238S FAIRCHILD-BD238S Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
BD677AS FAIRCHILD-BD677AS Datasheet
230Kb / 4P
   Medium Power Linear and Switching Applications
logo
Comset Semiconductor
BD241 COMSET-BD241 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
BD242 COMSET-BD242 Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com