Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW24 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części BDW24
Szczegółowy opis  Hammer Drivers, Audio Amplifiers Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW24 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  BDW24 Datasheet HTML 1Page - Fairchild Semiconductor BDW24 Datasheet HTML 2Page - Fairchild Semiconductor BDW24 Datasheet HTML 3Page - Fairchild Semiconductor BDW24 Datasheet HTML 4Page - Fairchild Semiconductor BDW24 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Safe Operating Area
Figure 5. Power Derating
-0.1
-1
-10
100
1000
10000
VCE = -3V
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
IC = 250 IB
IC[A], COLLECTOR CURRENT
-0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
-2.8
-3.2
-3.6
-4.0
-0
-1
-2
-3
-4
-5
-6
-7
-8
VCE = -3V
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
-1000
-0.1
-1
-10
-100
BDW24A
10
µs
IC(max). Pulsed
BDW24C
BDW24B
BDW24
100
µs
1ms
10ms
IC(max).
Continuous
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
10
20
30
40
50
60
70
80
TC[
o
C], CASE TEMPERATURE


Podobny numer części - BDW24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDW24 POINN-BDW24 Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW24 BOURNS-BDW24 Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDW24 ISC-BDW24 Datasheet
120Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDW24 NJSEMI-BDW24 Datasheet
142Kb / 2P
   Silicon PNP Darlington Power Transistor
logo
Power Innovations Ltd
BDW24A POINN-BDW24A Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
More results

Podobny opis - BDW24

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BDW23 FAIRCHILD-BDW23 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW93 FAIRCHILD-BDW93 Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDX54CTU FAIRCHILD-BDX54CTU Datasheet
47Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDW93CF FAIRCHILD-BDW93CF Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDX54 FAIRCHILD-BDX54 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
BDX53 FAIRCHILD-BDX53 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
Boca Semiconductor Corp...
MJE15028 BOCA-MJE15028 Datasheet
25Kb / 2P
   HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
logo
SHIKUES Electronics
2SD1628 SKTECHNOLGY-2SD1628 Datasheet
1Mb / 3P
   Strobe DC-DC convertersm relay drivers, hammer drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com