Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW93 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części BDW93
Szczegółowy opis  Hammer Drivers, Audio Amplifiers Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW93 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  BDW93 Datasheet HTML 1Page - Fairchild Semiconductor BDW93 Datasheet HTML 2Page - Fairchild Semiconductor BDW93 Datasheet HTML 3Page - Fairchild Semiconductor BDW93 Datasheet HTML 4Page - Fairchild Semiconductor BDW93 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical characteristics
Figure 1. DC Current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Collector Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
0.1
1
10
100
100
1k
10k
100k
VCE = 3V
IC [A], COLLECTOR CURRENT
0.1
1
10
100
0.1
1
10
IC= 250 IB
IC [A], COLLECTOR CURRENT
0.0
0.8
1.6
2.4
3.2
4.0
0
4
8
12
16
20
VCE = 3 V
VBE [V], BASE-EMITTER VOLTAGE
110
100
10
100
1000
f=1MHz
IE=0
VCB [V], COLLECTOR-BASE VOLTAGE
1
10
100
1000
0.1
1
10
100
100 us
1 ms
5 ms
DC
I
C MAX.
BDW93B
BDW93C
BDW93
BDW93A
V
CE [V], COLLECTOR EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
T
C [
o
C], CASE TEMPERATURE


Podobny numer części - BDW93

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BDW93 MOSPEC-BDW93 Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW93 POINN-BDW93 Datasheet
147Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW93 BOURNS-BDW93 Datasheet
108Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BDW93 SAVANTIC-BDW93 Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BDW93 ISC-BDW93 Datasheet
263Kb / 2P
   isc Silicon NPN Power Transistor
More results

Podobny opis - BDW93

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BDW24 FAIRCHILD-BDW24 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW23 FAIRCHILD-BDW23 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDX54CTU FAIRCHILD-BDX54CTU Datasheet
47Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDW93CF FAIRCHILD-BDW93CF Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDX54 FAIRCHILD-BDX54 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
BDX53 FAIRCHILD-BDX53 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
Boca Semiconductor Corp...
MJE15028 BOCA-MJE15028 Datasheet
25Kb / 2P
   HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
logo
SHIKUES Electronics
2SD1628 SKTECHNOLGY-2SD1628 Datasheet
1Mb / 3P
   Strobe DC-DC convertersm relay drivers, hammer drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com