Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW94 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części BDW94
Szczegółowy opis  Power Linear and Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW94 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  BDW94 Datasheet HTML 1Page - Fairchild Semiconductor BDW94 Datasheet HTML 2Page - Fairchild Semiconductor BDW94 Datasheet HTML 3Page - Fairchild Semiconductor BDW94 Datasheet HTML 4Page - Fairchild Semiconductor BDW94 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BDW94
: BDW94A
: BDW94B
: BDW94C
- 45
- 60
- 80
- 100
V
V
V
V
VCEO
Collector-Emitter Voltage
: BDW94
: BDW94A
: BDW94B
: BDW94C
- 45
- 60
- 80
- 100
V
V
V
V
IC
Collector Current (DC)
- 12
A
ICP
*Collector Current (Pulse)
- 15
A
IB
Base Current
- 0.2
A
PC
Collector Dissipation (TC=25°C)
80
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
BDW94/A/B/C
Power Linear and Switching Applications
• Power Darlington TR
• Complement to BDW93, BDW93A, BDW93B and BDW93C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


Podobny numer części - BDW94

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BDW94 MOSPEC-BDW94 Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW94 POINN-BDW94 Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDW94 TRSYS-BDW94 Datasheet
689Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW94 FAIRCHILD-BDW94 Datasheet
43Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
Bourns Electronic Solut...
BDW94 BOURNS-BDW94 Datasheet
111Kb / 5P
   PNP SILICON POWER DARLINGTONS
More results

Podobny opis - BDW94

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
BDX34 FAIRCHILD-BDX34 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
logo
Comset Semiconductor
BD912 COMSET-BD912 Datasheet
101Kb / 3P
   POWER LINEAR AND SWITCHING APPLICATIONS
2N3055 COMSET-2N3055 Datasheet
146Kb / 2P
   POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com