Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW94A Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części BDW94A
Szczegółowy opis  Power Linear and Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDW94A Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  BDW94A Datasheet HTML 1Page - Fairchild Semiconductor BDW94A Datasheet HTML 2Page - Fairchild Semiconductor BDW94A Datasheet HTML 3Page - Fairchild Semiconductor BDW94A Datasheet HTML 4Page - Fairchild Semiconductor BDW94A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC Current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0.1
-1
-10
-100
100
1k
10k
100k
V
CE = -3V
I
C [A], COLLECTOR CURRENT
-0.1
-1
-10
-100
-0.1
-1
-10
I
C= 250 IB
I
C [A], COLLECTOR CURRENT
-0.0
-0.8
-1.6
-2.4
-3.2
-4.0
-0
-4
-8
-12
-16
-20
V
CE= -3V
V
BE [V], BASE-EMITTER VOLTAGE
-1
-10
-100
10
100
1000
f=1MHz
I
E=0
V
CB [V], COLLECTOR-BASE VOLTAGE
-1
-10
-100
-1000
-0.1
-1
-10
-100
BDW94C
BDW94B
BDW94A
BDW94
DC
I
C MAX.
5 ms 1 ms
100uS
V
CE [V], COLLECTOR EMITTER VOLTAGE
0
50
100
150
200
250
0
20
40
60
80
100
120
Tc [
o
C], CASE TEMPERATURE


Podobny numer części - BDW94A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BDW94A MOSPEC-BDW94A Datasheet
183Kb / 4P
   POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW94A POINN-BDW94A Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDW94A TRSYS-BDW94A Datasheet
689Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW94A BOURNS-BDW94A Datasheet
111Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BDW94A SAVANTIC-BDW94A Datasheet
94Kb / 3P
   Silicon PNP Power Transistors
More results

Podobny opis - BDW94A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
BDX34 FAIRCHILD-BDX34 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
logo
Comset Semiconductor
BD912 COMSET-BD912 Datasheet
101Kb / 3P
   POWER LINEAR AND SWITCHING APPLICATIONS
2N3055 COMSET-2N3055 Datasheet
146Kb / 2P
   POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com