Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDX34 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części BDX34
Szczegółowy opis  Power Linear and Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDX34 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  BDX34 Datasheet HTML 1Page - Fairchild Semiconductor BDX34 Datasheet HTML 2Page - Fairchild Semiconductor BDX34 Datasheet HTML 3Page - Fairchild Semiconductor BDX34 Datasheet HTML 4Page - Fairchild Semiconductor BDX34 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC Current Gain
Figure 2. Collector-Emitter Saturation Voltage
Figure 3. Base-Emitter On Voltage
Figure 4. Output Capacitance
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0.1
-1
-10
100
1k
10k
100k
V
CE = -3V
I
C [A], COLLECTOR CURRENT
-0.1
-1
-10
-0.1
-1
-10
I
C= 250IB
I
C [A], COLLECTOR CURRENT
-0
-1
-2
-3
-4
-0.0
-2.5
-5.0
-7.5
-10.0
V
CE= -3V
V
BE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
10
100
1000
f = 1MHz
I
E = 0
V
CB [V], COLLECTOR-BASE VOLTAGE
-1
-10
-100
-1000
-0.1
-1
-10
-100
BDX34C
BDX34B
BDX34A
BDX34
DC
10 us
100 us
1 ms
5 ms
I
C MAX. (Pulsed)
I
C MAX. (Continuous)
V
CE [V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
10
20
30
40
50
60
70
80
Tc [
o
C], CASE TEMPERATURE


Podobny numer części - BDX34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BDX34 MOSPEC-BDX34 Datasheet
92Kb / 2P
   POWER TRANSISTORS(10A,70W)
logo
Power Innovations Ltd
BDX34 POINN-BDX34 Datasheet
91Kb / 7P
   Transistor de puissance PNP darlington
BDX34 POINN-BDX34 Datasheet
166Kb / 7P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDX34 BOURNS-BDX34 Datasheet
123Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
TRANSYS Electronics Lim...
BDX34 TEL-BDX34 Datasheet
100Kb / 3P
   NPN/PNP PLASTIC POWER TRANSISTORS
More results

Podobny opis - BDX34

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BDW94 FAIRCHILD-BDW94 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
BDX33 FAIRCHILD-BDX33 Datasheet
39Kb / 5P
   Power Linear and Switching Applications
logo
Comset Semiconductor
BD912 COMSET-BD912 Datasheet
101Kb / 3P
   POWER LINEAR AND SWITCHING APPLICATIONS
2N3055 COMSET-2N3055 Datasheet
146Kb / 2P
   POWER LINEAR AND SWITCHING APPLICATIONS
logo
Fairchild Semiconductor
BD241 FAIRCHILD-BD241 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD242 FAIRCHILD-BD242 Datasheet
27Kb / 3P
   Medium Power Linear and Switching Applications
BD376 FAIRCHILD-BD376 Datasheet
42Kb / 4P
   Medium Power Linear and Switching Applications
BD675A FAIRCHILD-BD675A Datasheet
39Kb / 4P
   Medium Power Linear and Switching Applications
BD13816S FAIRCHILD-BD13816S Datasheet
47Kb / 4P
   Medium Power Linear and Switching Applications
BD244C FAIRCHILD-BD244C Datasheet
43Kb / 4P
   Medium Power Linear and Switching Applications
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com