Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDX54C Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części BDX54C
Szczegółowy opis  Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDX54C Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  BDX54C Datasheet HTML 1Page - Fairchild Semiconductor BDX54C Datasheet HTML 2Page - Fairchild Semiconductor BDX54C Datasheet HTML 3Page - Fairchild Semiconductor BDX54C Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage
Figure 3. Collector-Emitter Saturation Voltage
Figure 4. Damper Diode Forward Voltage
Figure 5. Safe Operating Area
Figure 6. Power Derating
-0
-1
-10
100
1000
10000
100000
VCE = -3V
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-2.2
-2.4
-2.6
-2.8
-3.0
-3.2
-3.4
-3.6
IC = 250IB
IC[A], COLLECTOR CURRENT
-0
-1
-10
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-2.2
-2.4
-2.6
-2.8
-3.0
-3.2
IC = 250IB
IC[A], COLLECTOR CURRENT
-0.1
-1
-10
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-2.2
-2.4
-2.6
-2.8
-3.0
IF[A], FORWARD CURRENT
-1
-10
-100
-1000
-0.1
-1
-10
-100
BDX54C
BDX54B
BDX54A
IC Max. (Continuous)
IC Max. (Pulsed)
BDX54
100us
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
TC[
o
C], CASE TEMPERATURE


Podobny numer części - BDX54C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
BDX54C MOSPEC-BDX54C Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
ON Semiconductor
BDX54C ONSEMI-BDX54C Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
logo
Motorola, Inc
BDX54C MOTOROLA-BDX54C Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
List of Unclassifed Man...
BDX54C ETC-BDX54C Datasheet
810Kb / 5P
   BASE NPN / PNP
logo
ON Semiconductor
BDX54C ONSEMI-BDX54C Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
More results

Podobny opis - BDX54C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BDX53 FAIRCHILD-BDX53 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
BDW24 FAIRCHILD-BDW24 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW23 FAIRCHILD-BDW23 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW93 FAIRCHILD-BDW93 Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDX54CTU FAIRCHILD-BDX54CTU Datasheet
47Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDW93CF FAIRCHILD-BDW93CF Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
logo
Toshiba Semiconductor
2SB1457 TOSHIBA-2SB1457_09 Datasheet
157Kb / 5P
   Micro Motor Drive, Hammer Drive Applications Power Switching Applications Power Amplifier Applications
2SB1067 TOSHIBA-2SB1067_09 Datasheet
179Kb / 5P
   Micro-Moter Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908_10 Datasheet
171Kb / 5P
   Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com