Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SZNUP2115L Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części SZNUP2115L
Szczegółowy opis  Dual Line FlexRay Bus Protector
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUP2115L Arkusz danych(HTML) 2 Page - ON Semiconductor

  SZNUP2115L Datasheet HTML 1Page - ON Semiconductor SZNUP2115L Datasheet HTML 2Page - ON Semiconductor SZNUP2115L Datasheet HTML 3Page - ON Semiconductor SZNUP2115L Datasheet HTML 4Page - ON Semiconductor SZNUP2115L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NUP2115L, SZNUP2115L
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C, unless otherwise specified)
Symbol
Rating
Value
Unit
PPK
Peak Power Dissipation, 8 x 20 ms Double Exponential Waveform (Note 1)
200
W
TJ
Operating Junction Temperature Range
−55 to 150
°C
TJ
Storage Temperature Range
−55 to 150
°C
TL
Lead Solder Temperature (10 s)
260
°C
ESD
Human Body Model (HBM)
Machine Model (MM)
IEC 61000−4−2 Specification (Contact)
8.0
400
23
kV
V
kV
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Non−repetitive current pulse per Figure 1.
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VRWM
Reverse Working Voltage
(Note 2)
24
V
VBR
Breakdown Voltage
IT = 1 mA (Note 3)
26.2
32
V
IR
Reverse Leakage Current
VRWM = 24 V
15
100
nA
VC
Clamping Voltage
IPP = 1 A (8 x 20 ms Waveform)
(Note 4)
33.4
36.6
V
VC
Clamping Voltage
IPP = 3 A (8 x 20 ms Waveform)
(Note 4)
44
50
V
IPP
Maximum Peak Pulse Current
8 x 20 ms Waveform (Note 4)
3.0
A
CJ
Capacitance
VR = 0 V, f = 1 MHz (Line to GND)
10
pF
DC
Diode Capacitance Matching
VR = 0 V, 5 MHz (Note 5)
0.26
2
%
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.
4. Pulse waveform per Figure 1.
5. DC is the percentage difference between CJ of lines 1 and 2 measured according to the test conditions given in the electrical characteristics
table.
ORDERING INFORMATION
Device
Package
Shipping
NUP2115LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
SZNUP2115LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
NUP2115LT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
SZNUP2115LT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Podobny numer części - SZNUP2115L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
SZNUP2115LT1G ONSEMI-SZNUP2115LT1G Datasheet
140Kb / 5P
   Dual Line FlexRay Bus Protector
October, 2016 ??Rev. 3
SZNUP2115LT3G ONSEMI-SZNUP2115LT3G Datasheet
140Kb / 5P
   Dual Line FlexRay Bus Protector
October, 2016 ??Rev. 3
More results

Podobny opis - SZNUP2115L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NUP2115L ONSEMI-NUP2115L_16 Datasheet
140Kb / 5P
   Dual Line FlexRay Bus Protector
October, 2016 ??Rev. 3
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
   Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
   Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
   Dual Line CAN Bus Protector
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L_05 Datasheet
77Kb / 8P
   Dual Line CAN Bus Protector
July, 2005 ??Rev. 4
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
   Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA36CDT3 LEIDITECH-SDA36CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
logo
ON Semiconductor
NUP2125 ONSEMI-NUP2125 Datasheet
62Kb / 4P
   Dual Line CAN Bus Protector
October, 2015 ??Rev. 0
SZNUP2105LT1G ONSEMI-SZNUP2105LT1G Datasheet
148Kb / 8P
   Dual Line CAN Bus Protector
January, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com