Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4028 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części CD4028
Szczegółowy opis  BCD-to-Decimal Decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4028 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  CD4028 Datasheet HTML 1Page - Fairchild Semiconductor CD4028 Datasheet HTML 2Page - Fairchild Semiconductor CD4028 Datasheet HTML 3Page - Fairchild Semiconductor CD4028 Datasheet HTML 4Page - Fairchild Semiconductor CD4028 Datasheet HTML 5Page - Fairchild Semiconductor CD4028 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005959.prf
www.fairchildsemi.com
CD4028BC
BCD-to-Decimal Decoder
General Description
The CD4028BC is a BCD-to-decimal or binary-to-octal
decoder consisting of 4 inputs, decoding logic gates, and
10 output buffers. A BCD code applied to the 4 inputs, A, B,
C, and D, results in a high level at the selected 1-of-10 dec-
imal decoded outputs. Similarly, a 3-bit binary code applied
to inputs A, B, and C is decoded in octal at outputs 0–7. A
high level signal at the D input inhibits octal decoding and
causes outputs 0–7 to go LOW.
All inputs are protected against static discharge damage by
diode clamps to VDD and VSS.
Features
s Wide supply voltage range:
3.0V to 15V
s High noise immunity: 0.45 VDD (typ.)
s Low power TTL compatibility: fan out of 2 driving 74L
or 1 driving 74LS
s Low power
s Glitch free outputs
s “Positive logic” on inputs and outputs
Applications
• Code conversion
• Address decoding
• Indicator-tube decoder
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP and SOIC
Top View
Order Number
Package Number
Package Description
CD4028BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
CD4028BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Podobny numer części - CD4028

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4028 NSC-CD4028 Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
logo
Texas Instruments
CD4028 TI-CD4028 Datasheet
215Kb / 11P
[Old version datasheet]   BCD-TO-CECIMAL DECODER
logo
Intersil Corporation
CD4028 INTERSIL-CD4028 Datasheet
93Kb / 10P
   CMOS BCD-To-Decimal Decoder
December 1992
logo
Texas Instruments
CD4028B TI-CD4028B Datasheet
215Kb / 11P
[Old version datasheet]   BCD-TO-CECIMAL DECODER
CD4028B TI-CD4028B Datasheet
800Kb / 15P
[Old version datasheet]   BCD-to-Decimal Decoder
More results

Podobny opis - CD4028

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
   BCD - TO -DECIMAL DECODER
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
   BCD-to-Decimal Decoder
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
   BCD-TO-DECIMAL DECODER
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
   BCD to decimal decoder
Rev. 10 - 7 December 2021
logo
System Logic Semiconduc...
SL4028B SLS-SL4028B Datasheet
44Kb / 5P
   BCD-to-Decimal Decoder
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
   BCD-to-decimal decoder
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com