Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4043BCN Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części CD4043BCN
Szczegółowy opis  Quad 3-STATE NOR R/S Latches . Quad 3-STATE NAND R/S Latches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4043BCN Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  CD4043BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4043BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4043BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4043BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4043BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4043BCN Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
(Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed; they are not meant to imply that
the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: IOH and IOL are tested one output at a time.
Supply Voltage (VDD)
−0.5V to +18V
Input Voltage (VIN)
−0.5V to V
DD +0.5V
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Supply Voltage (VDD)
3.0V to 15V
Input Voltage (VIN)
0 to VDD V
Operating Temperature Range (TA)
CD4043BC, CD4044BC
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent
VDD = 5V, VIN = VDD or VSS
20
0.01
20
150
µA
Device Current
VDD = 10V, VIN = VDD or VSS
40
0.01
40
300
µA
VDD = 15V, VIN = VDD or VSS
80
0.02
80
600
µA
VOL
LOW Level
|IO| ≤ 1 µA, VIL = 0V, VIH = VDD
Output Voltage
VDD = 5.0V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
V
VDD = 15V
0.05
0
0.05
0.05
V
VOH
HIGH Level
|IO| ≤ 1 µA, VIL = 0V, VIH = VDD
Output Voltage
VDD = 5.0V
4.95
4.95
5.0
4.95
V
VDD = 10V
9.95
9.95
10
9.95
V
VDD = 15V
14.95
14.95
15
14.95
V
VIL
LOW Level
|IO| ≤ 1 µA
Input Voltage
VDD = 5.0V, VO = 0.5V or 4.5V
1.5
2.25
1.5
1.5
V
VDD = 10V, VO = 1.0V or 9.0V
3.0
4.5
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
6.75
4.0
4.0
V
VIH
HIGH Level
|IO| ≤ 1 µA
Input Voltage
VDD = 5.0V, VO = 0.5V or 4.5V
3.5
3.5
3.5
V
VDD = 5.0V, VO = 1.0V or 9.0V
7.0
7.0
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11
11
11
V
IOL
LOW Level
VIL = 0V, VIH = VDD
Output Current
VDD = 5.0V, VO = 0.4V
0.52
0.44
0.88
0.36
mA
(Note 3)
VDD = 10V, VO = 0.5V
1.3
1.1
2.2
0.9
mA
VDD = 15V, VO = 1.5V
3.6
3.0
6.0
2.4
mA
IOH
HIGH Level
VIL = 0V, VIH = VDD
Output Current
VDD = 5.0V, VO = 4.6V
−0.52
−0.44 −0.32
−0.36
mA
(Note 3)
VDD = 10V, VO = 9.5V
−1.3
−1.1
−0.8
−0.9
mA
VDD = 15V, VO = 13.5V
−3.6
−3.0
−2.4
−2.4
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.3
−0.3
−1.0
µA
VDD = 15V, VIN = 15V
0.3
0.3
1.0
µA


Podobny numer części - CD4043BCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4043BC NSC-CD4043BC Datasheet
136Kb / 6P
   Quad TRI-STATE NOR(NAND) R/S Latches
More results

Podobny opis - CD4043BCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MMC4043 ETC1-MMC4043 Datasheet
440Kb / 3P
   QUAD 3-STATE NOR/ NAND R/S LATCHES
logo
STMicroelectronics
HCC4043B STMICROELECTRONICS-HCC4043B Datasheet
302Kb / 13P
   QUAD 3-STATE R-S LATCHES
logo
National Semiconductor ...
CD4043BM NSC-CD4043BM Datasheet
136Kb / 6P
   Quad TRI-STATE NOR(NAND) R/S Latches
logo
Renesas Technology Corp
CD4043BMS RENESAS-CD4043BMS Datasheet
395Kb / 10P
   CMOS Quad 3 State R/S Latches
December 1992
logo
Texas Instruments
CD4043B TI-CD4043B Datasheet
211Kb / 13P
[Old version datasheet]   CMOS QUAD 3-STATE R/S LATCHES
CD4043B TI1-CD4043B_15 Datasheet
1Mb / 31P
[Old version datasheet]   CMOS Quad 3-State R/S Latches
logo
Toshiba Semiconductor
TC4044BP TOSHIBA-TC4044BP Datasheet
238Kb / 6P
   QUAD 3-STATE R/S LATCH(Quad NAND R/S Latch)
logo
Hitachi Semiconductor
HD74HC279 HITACHI-HD74HC279 Datasheet
59Kb / 9P
   Quad. S-R Latches
logo
National Semiconductor ...
54LS279 NSC-54LS279 Datasheet
137Kb / 6P
   Quad S-R Latches
logo
Texas Instruments
54LS279 TI1-54LS279 Datasheet
387Kb / 8P
[Old version datasheet]   Quad S-R Latches
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com