Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4724BCM Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części CD4724BCM
Szczegółowy opis  8-Bit Addressable Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4724BCM Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  CD4724BCM Datasheet HTML 1Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 2Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 3Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 4)
TA = 25°C, CL = 50 pF, RL = 200k, Input tr = tf = 20 ns, unless otherwise noted
Note 4: AC Parameters are guaranteed by DC correlated testing.
Note 5: Dynamic power dissipation (PD) is given by: PD = (CPD + CL) VCC
2f
+ P
Q; where CL = load capacitance; f = frequency of operation; for further details,
see Application Note AN-90, “Family Characteristics”.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL, tPLH
Propagation Delay
VDD = 5V
200
400
ns
Data to Output
VDD = 10V
75
150
ns
VDD = 15V
50
100
ns
tPLH, tPHL
Propagation Delay
VDD = 5V
200
400
ns
Enable to Output
VDD = 10V
80
160
ns
VDD = 15V
60
120
ns
tPHL
Propagation Delay
VDD = 5V
175
350
ns
Clear to Output
VDD = 10V
80
160
ns
VDD = 15V
65
130
ns
tPLH, tPHL
Propagation Delay
VDD = 5V
225
450
ns
Address to Output
VDD = 10V
100
200
ns
VDD = 15V
75
150
ns
tTHL, tTLH
Transition Time
VDD = 5V
100
200
ns
(Any Output)
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
TWH, TWL
Minimum Data
VDD = 5V
100
200
ns
Pulse Width
VDD = 10V
50
100
ns
VDD = 15V
40
80
ns
tWH, tWL
Minimum Address
VDD = 5V
200
400
ns
Pulse Width
VDD = 10V
100
200
ns
VDD = 15V
65
125
ns
tWH
Minimum Clear
VDD = 5V
75
150
ns
Pulse Width
VDD = 10V
40
75
ns
VDD = 15V
25
50
ns
tSU
Minimum Setup Time
VDD = 5V
40
80
ns
Data to E
VDD = 10V
20
40
ns
VDD = 15V
15
30
ns
tH
Minimum Hold Time
VDD = 5V
60
120
ns
Data to E
VDD = 10V
30
60
ns
VDD = 15V
25
50
ns
tSU
Minimum Setup Time
VDD = 5V
−15
50
ns
Address to E
VDD = 10V
0
30
ns
VDD = 15V
0
20
ns
tH
Minimum Hold Time
VDD = 5V
−50
15
ns
Address to E
VDD = 10V
−20
10
ns
VDD = 15V
−15
5
ns
CPD
Power Dissipation
Per Package
100
pF
Capacitance
(Note 5)
CIN
Input Capacitance
Any Input
5.0
7.5
pF


Podobny numer części - CD4724BCM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
CD4724BCM FAIRCHILD-CD4724BCM Datasheet
75Kb / 7P
   8-Bit Addressable Latch
More results

Podobny opis - CD4724BCM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com