Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4724BCM Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części CD4724BCM
Szczegółowy opis  8-Bit Addressable Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4724BCM Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  CD4724BCM Datasheet HTML 1Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 2Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 3Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4724BCM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS006003.prf
www.fairchildsemi.com
CD4724BC
8-Bit Addressable Latch
General Description
The CD4724BC is an 8-bit addressable latch with three
address inputs (A0–A2), an active low enable input (E),
active high clear input (CL), a data input (D) and eight out-
puts (Q0–Q7).
Data is entered into a particular bit in the latch when that is
addressed by the address inputs and the enable (E) is
LOW. Data entry is inhibited when enable (E) is HIGH.
When clear (CL) and enable (E) are HIGH, all outputs are
LOW. When clear (CL) is HIGH and enable (E) is LOW, the
channel demultiplexing occurs. The bit that is addressed
has an active output which follows the data input while all
unaddressed bits are held LOW. When operating in the
addressable latch mode (E
= CL = LOW), changing more
than one bit of the address could impose a transient wrong
address. Therefore, this should only be done while in the
memory mode (E
= HIGH, CL = LOW).
Features
s Wide supply voltage range:
3.0V to 15V
s High noise immunity: 0.45 VDD (typ.)
s Low power TTL compatibility:
fan out of 2 driving 74L or 1 driving 74LS
s Serial to parallel capability
s Storage register capability
s Random (addressable) data entry
s Active high demultiplexing capability
s Common active high clear
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP and SOIC
Top View
Truth Table
Order Number
Package Number
Package Description
CD4724BCM
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150” Narrow Body
CD4724BCN
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Mode Selection
E
CL
Addressed
Unaddressed
Mode
Latch
Latch
L
L
Follows Data
Holds Previous
Data
Addressable
Latch
H
L
Hold Previous
Data
Holds Previous
Data
Memory
L
H
Follows Data
Reset to “0”
Demultiplexer
H
H
Reset to “0”
Reset to “0”
Clear


Podobny numer części - CD4724BCM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
CD4724BCM FAIRCHILD-CD4724BCM Datasheet
75Kb / 7P
   8-Bit Addressable Latch
More results

Podobny opis - CD4724BCM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com