Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4724BCN Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części CD4724BCN
Szczegółowy opis  8-Bit Addressable Latch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4724BCN Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  CD4724BCN Datasheet HTML 1Page - Fairchild Semiconductor CD4724BCN Datasheet HTML 2Page - Fairchild Semiconductor CD4724BCN Datasheet HTML 3Page - Fairchild Semiconductor CD4724BCN Datasheet HTML 4Page - Fairchild Semiconductor CD4724BCN Datasheet HTML 5Page - Fairchild Semiconductor CD4724BCN Datasheet HTML 6Page - Fairchild Semiconductor CD4724BCN Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions (Note 2)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed; they are not meant to imply that
the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and Electrical Characteristics” provide con-
ditions for actual device operation.
Note 2: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 2)
Note 3: IOL and IOH are tested one output at a time.
DC Supply Voltage (VDD)
−0.5V to +18 V
DC
Input Voltage (VIN)
−0.5V to V
DD +0.5 VDC
Storage Temperature (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
3.0V to 15 VDC
Input Voltage (VIN)
0V to VDD VDC
Operating Temperature Range (TA)
−40°C to +85°C
Symbol
Parameter
Conditions
−40°C
+25°C
+85°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V
20
0.02
20
150
µA
Current
VDD = 10V
40
0.02
40
300
µA
VDD = 15V
80
0.02
80
600
µA
VOL
LOW Level
|IO| ≤ 1 µA
Output Voltage
VDD = 5V
0.05
0
0.05
0.05
V
VDD = 10V
0.05
0
0.05
0.05
V
VDD = 15V
0.05
0
0.05
0.05
V
VOH
HIGH Level
|IO| ≤ 1 µA
Output Voltage
VDD = 5V
4.95
4.95
5.0
4.95
V
VDD = 10V
9.95
9.95
10
9.95
V
VDD = 15V
14.95
14.95
15
14.95
V
VIL
LOW Level
VDD = 5V, VO = 0.5V or 4.5V
1.5
2.25
1.5
1.5
V
Input Voltage
VDD = 10V, VO = 1V or 9V
3.0
4.5
3.0
3.0
V
VDD = 15V, VO = 1.5V or 13.5V
4.0
6.75
4.0
4.0
V
VIH
HIGH Level
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
2.75
3.5
V
Input Voltage
VDD = 10V, VO = 1V or 9V
7.0
7.0
5.5
7.0
V
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
8.25
11.0
V
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.52
0.44
0.88
0.36
mA
Current
VDD = 10V, VO = 0.5V
1.3
1.1
2.25
0.9
mA
(Note 3)
VDD = 15V, VO = 1.5V
3.6
3.0
8.8
2.4
mA
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.52
−0.44 −0.88
−0.36
mA
Current
VDD = 10V, VO = 9.5V
−1.3
−1.1
−2.25
−0.9
mA
(Note 3)
VDD = 15V, VO = 13.5V
−3.6
−3.0
−8.8
−2.4
mA
IIN
Input Current
VDD = 15V, VIN = 0V
−0.30
−10−5 −0.30
−1.0
µA
VDD = 15V, VIN = 15V
0.30
10−5
0.30
1.0
µA


Podobny numer części - CD4724BCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4724BCN NSC-CD4724BCN Datasheet
146Kb / 8P
   Dual 4-Bit, 8-Bit Addressable Latch
logo
Fairchild Semiconductor
CD4724BCN FAIRCHILD-CD4724BCN Datasheet
75Kb / 7P
   8-Bit Addressable Latch
More results

Podobny opis - CD4724BCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
   8 BIT ADDRESSABLE LATCH
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
   8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
[Old version datasheet]   8-Bit Addressable Latch
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
   8-BIT ADDRESSABLE LATCH
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
   8-bit addressable latch
Rev. 04-25 February 2009
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
   8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
   8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
   8-bit addressable latch
Rev. 5-7 August 2012
logo
National Semiconductor ...
93L34 NSC-93L34 Datasheet
93Kb / 8P
   8-Bit Addressable Latch
June 1989
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com