Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL5582.W Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części SL5582.W
Szczegółowy opis  6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SL5582.W Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  SL5582.W Datasheet HTML 1Page - Fairchild Semiconductor SL5582.W Datasheet HTML 2Page - Fairchild Semiconductor SL5582.W Datasheet HTML 3Page - Fairchild Semiconductor SL5582.W Datasheet HTML 4Page - Fairchild Semiconductor SL5582.W Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NORMALIZED TO TA = 25˚C
TA, AMBIENT TEMPERATURE (˚C)
-60
0.1
0.2
0.5
0.7
1
2
5
7
10
-40
-20
020406080
100
NORMALIZED TO:
VCE = 10 V
TA = 25˚C
VCE = 30 V
10V
TA, AMBIENT TEMPERATURE (˚C)
V, VOLTAGE (VOLTS)
Figure 6. Capacitance versus Voltage
Figure 5. Dark Current versus Ambient Temperature
Figure 4. Output Current versus Ambient Temperature
Figure 3. Collector Current versus
Collector-Emitter Voltage
0
0.05
0.1
1
2
2
0
4
6
8
10
12
14
16
18
20
51020
50
0.2
0.5
0.1
1
10
100
1000
20
40
60
80
100
CLED
f = 1 MHz
CCE
PULSE ONLY
PULSE OR DC
IF, LED INPUT CURRENT (mA)
Figure 1. LED Forward Voltage versus Forward Current
TYPICAL CHARACTERISTICS
Figure 2. Output Current versus Input Current
1
1
0.5
0.01
0.1
10
1
2
5
10
20
50
1
1.2
1.4
1.6
1.8
2
100
10
1000
NORMALIZED TO:
IF = 10 mA
IF, LED FORWARD CURRENT (mA)
TA = -55˚C
25˚C
100˚C
0
0
5
10
15
20
25
1
23456789
10
VCE - COLLECTOR-EMITTER VOLTAGE (V)
IF = 10 mA
6-PIN PHOTOTRANSISTOR
OPTOCOUPLERS
4/13/00
200024D
CNX82A.W, CNX83A.W, SL5582.W & SL5583.W


Podobny numer części - SL5582.W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
SL5582.W QT-SL5582.W Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5582.W FAIRCHILD-SL5582.W Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582.W FAIRCHILD-SL5582.W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Podobny opis - SL5582.W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
CNX82AW QT-CNX82AW Datasheet
40Kb / 4P
   6-pin phototransistor optocouplers
logo
Fairchild Semiconductor
SL5500 FAIRCHILD-SL5500 Datasheet
525Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX35U FAIRCHILD-CNX35U Datasheet
146Kb / 8P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5501SD FAIRCHILD-SL5501SD Datasheet
534Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500SD FAIRCHILD-SL5500SD Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5500S FAIRCHILD-SL5500S Datasheet
524Kb / 10P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
SL5582W FAIRCHILD-SL5582W Datasheet
395Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
CNX82A FAIRCHILD-CNX82A_1 Datasheet
390Kb / 7P
   6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
ON Semiconductor
H11AV1M ONSEMI-H11AV1M Datasheet
415Kb / 11P
   6-Pin DIP Phototransistor Optocouplers
March, 2020 ??Rev. 2
logo
Fairchild Semiconductor
MOC8204 FAIRCHILD-MOC8204 Datasheet
115Kb / 6P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com