Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74123 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części 74123
Szczegółowy opis  Dual Retriggerable One-Shot with Clear and Complementary Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74123 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  74123 Datasheet HTML 1Page - Fairchild Semiconductor 74123 Datasheet HTML 2Page - Fairchild Semiconductor 74123 Datasheet HTML 3Page - Fairchild Semiconductor 74123 Datasheet HTML 4Page - Fairchild Semiconductor 74123 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
Switching Characteristics
at VCC = 5V and TA = 25°C
Note 7: CECT = 1000 pF, REXT = 10 kΩ
Symbol
Parameter
CL = 15 pF, RL = 400Ω
Units
From (Input)
CEXT = 1000 pF, REXT = 10 KΩ
To (Output)
Min
Max
tPLH
Propagation Delay Time
A to Q
33
ns
LOW-to-HIGH Level Output
tPLH
Propagation Delay Time
B to Q
28
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
A to Q
40
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
B to Q
36
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Clear to Q
40
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clear to Q
27
ns
HIGH-to-LOW Level Output
tW(out)
Output Pulse Width
A or B to Q
3.08
3.76
µs
(Note 7)


Podobny numer części - 74123

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
74123 ETC2-74123 Datasheet
452Kb / 2P
   Phillips Bits
More results

Podobny opis - 74123

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 NSC-DM74LS123 Datasheet
135Kb / 6P
   Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
   Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
   DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
   One-Shot with Clear and Complementary Outputs
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
   One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
54121 NSC-54121 Datasheet
128Kb / 6P
   One-Shot with Clear and Complementary Outputs
54123 NSC-54123 Datasheet
157Kb / 4P
   DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com