Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES01S Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części ES01S
Szczegółowy opis  2.0 Ampere Superfast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ES01S Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  ES01S Datasheet HTML 1Page - Fairchild Semiconductor ES01S Datasheet HTML 2Page - Fairchild Semiconductor ES01S Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ES2A-ES2D, Rev. A
2.0 Ampere Superfast Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
Electrical Characteristics
T
A
= 25°C unless otherwise noted
©1999 Fairchild Semiconductor Corporation
Parameter
Device
Units
2A
2B
2C
2D
Peak Repetitive Reverse Voltage
50
100
150
200
V
Maximum RMS Voltage
35
70
105
140
V
DC Reverse Voltage
(Rated VR)
50
100
150
200
V
Maximum Reverse Current
@ rated VR
TA = 25
°C
TA = 100
°C
10
350
µA
µA
Maximum Reverse Recovery Time
IF = 0.5 A, IR = 1.0 A, IRR = 0.25 A
20
nS
Maximum Forward Voltage @ 2.0 A
0.90
V
Typical Junction Capacitance
VR = 4.0 V, f = 1.0 MHz
18
pF
Symbol
Parameter
Value
Units
IO
Average Rectified Current
.375 " lead length @ TA = 110
°C
2.0
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
50
A
PD
Total Device Dissipation
Derate above 25
°C
1.66
13.3
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient**
75
°C/W
RθJL
Thermal Resistance, Junction to Lead**
20
°C/W
Tstg
Storage Temperature Range
-50 to +150
°C
TJ
Operating Junction Temperature
-50 to +150
°C
ES2A - ES2D
Features
For surface mount applications.
Glass passivated junction.
Low profile package.
Easy pick and place.
Built-in strain relief.
Superfast recovery times for
high efficiency.
SMB/DO-214AA
COLOR BAND DENOTES CATHODE
2
1
0.220 (5.588)
0.200 (5.080)
0.185 (4.699)
0.160 (4.064)
0.096 (2.438)
0.083 (2.108)
0.155 (3.937)
0.130 (3.302)
0.008 (0.203)
0.004 (0.102)
0.012 (0.305)
0.006 (0.152)
0.050 (1.270)
0.030 (0.762)
0.083 (2.108)
0.075 (1.905)
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**Device mounted on FR-4 PCB 0.013 mm.
Discrete POWER & Signal
Technologies


Podobny numer części - ES01S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
ES01 SANKEN-ES01 Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
ES01 SANKEN-ES01 Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
Powerbox
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
   150 WATTS PROGRAMMABLE DC SUPPLY
logo
Micronetics, Inc.
ES0189 MICRONETICS-ES0189 Datasheet
149Kb / 2P
   High Power Switch 2.4 GHz to 2.5 GHz
logo
Sanken electric
ES01A SANKEN-ES01A Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
More results

Podobny opis - ES01S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
ES1A FAIRCHILD-ES1A Datasheet
50Kb / 3P
   1.0 Ampere Superfast Rectifiers
logo
Bytesonic Electronics C...
ER300 BYTESONIC-ER300 Datasheet
146Kb / 2P
   3.0 Ampere SUPERFAST RECOVERY RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M_00 Datasheet
87Kb / 4P
   2.0 Ampere Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   2.0 Ampere Bridge Rectifiers
SS22 FAIRCHILD-SS22 Datasheet
41Kb / 3P
   2.0 Ampere Schottky Barrier Rectifiers
2W005G FAIRCHILD-2W005G Datasheet
30Kb / 3P
   2.0 Ampere Glass Passivated Bridge Rectifiers
EGP20A- FAIRCHILD-EGP20A- Datasheet
39Kb / 3P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
EGP20A FAIRCHILD-EGP20A_07 Datasheet
151Kb / 4P
   2.0 Ampere Glass Passivated High Efficiency Rectifiers
logo
Yea Shin Technology Co....
ES2A YEASHIN-ES2A Datasheet
472Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
E2A YEASHIN-E2A Datasheet
138Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Ampere
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com