Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB2010 Arkusz danych(PDF) 5 Page - Leshan Radio Company

Numer części SB2010
Szczegółowy opis  Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB2010 Arkusz danych(HTML) 5 Page - Leshan Radio Company

  SB2010 Datasheet HTML 1Page - Leshan Radio Company SB2010 Datasheet HTML 2Page - Leshan Radio Company SB2010 Datasheet HTML 3Page - Leshan Radio Company SB2010 Datasheet HTML 4Page - Leshan Radio Company SB2010 Datasheet HTML 5Page - Leshan Radio Company SB2010 Datasheet HTML 6Page - Leshan Radio Company SB2010 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
标题:
1.4
标签要求 label spec.
1.4.1
LRC标签 LRC label
成型规格forming spec.
1.4.2环保标签 environmental protection label
2.外箱规格 cartoon spec.
单位:mm
L
WH
T52
430
±2
280
±2
225
±2
T42
410
±2
285
±2
300
±2
T26
435
±3
280
±3
295
±3
3 按以上包装方式,编带数量和外包装箱产品数量:typing and cartoon spec.
R-3
DO-15
1.8K
2K(T52)
1.8K(T26)
18K
20K
36K
36K
32.4K
36K
外箱数量(T42编带)
quantity/cartoon
54K-
外箱数量(T26编带)
quantity/cartoon
60K-
每根编带数量
quantity/ammo
3K
0.8K
外箱数量(T52编带)
quantity/cartoon
30K
8.0K
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
2
塑封外型
A-405 & DO-41 & R-1
DO-201AD
L
W
H
外箱标签cartoon label
*******
LRC产品型号 type
****
**
****
产品重复峰压值 peak repetive voltage
产品额定电流值 average output current
产品数量 quantity
*******
产品生产日期 date


Podobny numer części - SB2010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SB2010 MCC-SB2010 Datasheet
205Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
SB2010 MCC-SB2010 Datasheet
219Kb / 3P
   2 Amp Schottky Barrier Rectifier 80 to 100 Volts
logo
Leshan Radio Company
SB2010-E LRC-SB2010-E Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
logo
Gulf Semiconductor
SB20100 GULFSEMI-SB20100 Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
logo
Leshan Radio Company
SB20100 LRC-SB20100 Datasheet
85Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
More results

Podobny opis - SB2010

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
SB202-E LRC-SB202-E Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB820-HE LRC-SB820-HE Datasheet
110Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current8.0A
SB302-E LRC-SB302-E Datasheet
207Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
logo
Hi-Sincerity Mocroelect...
HSR220 HSMC-HSR220 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 2A)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com