Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB306-E Arkusz danych(PDF) 1 Page - Leshan Radio Company

Numer części SB306-E
Szczegółowy opis  Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current3.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB306-E Arkusz danych(HTML) 1 Page - Leshan Radio Company

  SB306-E Datasheet HTML 1Page - Leshan Radio Company SB306-E Datasheet HTML 2Page - Leshan Radio Company SB306-E Datasheet HTML 3Page - Leshan Radio Company SB306-E Datasheet HTML 4Page - Leshan Radio Company SB306-E Datasheet HTML 5Page - Leshan Radio Company SB306-E Datasheet HTML 6Page - Leshan Radio Company SB306-E Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
* IEC61000-4-2 ESD Air Contact≥±15KV
Mechanical Data
Case: JEDEC DO-15, molded plastic over sky die
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
We declare that the material of product compliance
Weight: 0.015 oz., 0.40 g
with ROHS requirements
Handling precautin:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SB302
-E
SB303
-E
SB304
-E
SB305
-E
SB306
-E
SB308
-E
Unit
device marking code
SB302
ESD
SB303
ESD
SB304
ESD
SB305
ESD
SB306
ESD
SB308
ESD
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80V
Maximum RMS voltage
VRMS
14
21
28
35
42
56V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80V
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
IF
(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
thermal resistance, junction to ambientR
θJA
°C/W
thermal resistance, junction to caseR
θJC
°C/W
Operating junction and storage temperature range
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SB302
-E
SB303
-E
SB304
-E
SB305
-E
SB306
-E
SB308
-E
Unit
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current Tj = 25
°C
at rated DC blocking voltage Tj = 125
°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
SB302-E thru SB3010-E
Schottky Barrier Rectifiers
Reverse Voltage 20 to 100V Forward Current3.0A
–40 to +150
0.84
0.5
10
170
5
0.70
0.50
100
SB3010
-E
SB3010
-E
SB3010
ESD
100
70
3.0
80
35


Podobny numer części - SB306-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB3060CT PANJIT-SB3060CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 60 Volts CURRENT - 30.0 Ampere)
logo
PACELEADER INDUSTRIAL
SB3060CT PACELEADER-SB3060CT Datasheet
166Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3060CT PANJIT-SB3060CT Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SB3060CT FORMOSA-SB3060CT Datasheet
108Kb / 6P
   Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SB3060CT LUGUANG-SB3060CT Datasheet
1Mb / 2P
   30A High Power Schottky Barrier Rectifiers
More results

Podobny opis - SB306-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
SB820-HE LRC-SB820-HE Datasheet
110Kb / 5P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current8.0A
SB202-E LRC-SB202-E Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB202 LRC-SB202 Datasheet
183Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
logo
Hi-Sincerity Mocroelect...
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
logo
Hi-Sincerity Mocroelect...
HSR220 HSMC-HSR220 Datasheet
112Kb / 3P
   Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 2A)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com