Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS00AN Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części DM74ALS00AN
Szczegółowy opis  Quad 2-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS00AN Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  DM74ALS00AN Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS00AN Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS00AN Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS00AN Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS00AN Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006270
www.fairchildsemi.com
September 1986
Revised February 2000
DM74ALS00A
Quad 2-Input NAND Gate
General Description
This device contains four independent gates, each of which
performs the logic NAND function.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full tempera-
ture and VCC range
s Advanced oxide-isolated, ion-implanted Schottky TTL
process
s Functionally and pin for pin compatible with Schottky
and low power Schottky TTL counterpart
s Improved AC performance over Schottky and low power
Schottky counterparts
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
Y
= AB
H
= HIGH Logic Level
L
= LOW Logic Level
Order Number
Package Number
Package Description
DM74ALS00AM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74ALS00ASJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74ALS00AN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Inputs
Output
AB
Y
LL
H
LH
H
HL
H
HH
L


Podobny numer części - DM74ALS00AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS02 FAIRCHILD-DM74ALS02 Datasheet
60Kb / 5P
   Quad 2-Input NOR Gate
DM74ALS02M FAIRCHILD-DM74ALS02M Datasheet
60Kb / 5P
   Quad 2-Input NOR Gate
DM74ALS02N FAIRCHILD-DM74ALS02N Datasheet
60Kb / 5P
   Quad 2-Input NOR Gate
DM74ALS02SJ FAIRCHILD-DM74ALS02SJ Datasheet
60Kb / 5P
   Quad 2-Input NOR Gate
DM74ALS03B FAIRCHILD-DM74ALS03B Datasheet
48Kb / 4P
   Quad 2-Input NAND Gate with Open Collector Outputs
More results

Podobny opis - DM74ALS00AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com