Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM260B Arkusz danych(PDF) 1 Page - Leshan Radio Company

Numer części SM260B
Szczegółowy opis  Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM260B Arkusz danych(HTML) 1 Page - Leshan Radio Company

  SM260B Datasheet HTML 1Page - Leshan Radio Company SM260B Datasheet HTML 2Page - Leshan Radio Company SM260B Datasheet HTML 3Page - Leshan Radio Company SM260B Datasheet HTML 4Page - Leshan Radio Company SM260B Datasheet HTML 5Page - Leshan Radio Company SM260B Datasheet HTML 6Page - Leshan Radio Company SM260B Datasheet HTML 7Page - Leshan Radio Company SM260B Datasheet HTML 8Page - Leshan Radio Company SM260B Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
Mechanical Data
Case: JEDEC DO-214AA / SMB
molded plastic over glass die
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
We declare that the material of product compliance
Mounting Position: Any
with ROHS requirements
Weight: 0.098 g
Handling precautin:None
Electrical Characteristic
1.Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol SM220B
SM230B
SM240B
SM250B
SM260B
SM280B SM2100B
Unit
SM220B
SM230B
SM240B
SM250B
SM260B
SM280B SM2100B
VRRM
20
30
40
50
60
80
100V
VRSM
14
21
28
35
42
56
70V
VDC
20
30
40
50
60
80
100V
IF(AV)
A
IFSM
A
R
θJA
°C/W
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol SM220B
SM230B
SM240B
SM250B
SM260B
SM280B SM2100B
Unit
VF
V
IR
mA
CJ
PF
NOTES:
1.8.0mm2 (.013mm thick) land areas
Parameter Symbol
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 100
°C
Maximum instantaneous forward voltage at 2.0A
Typical junction capacitance at 4.0V, 1MHz
SM220B thru SM2100B
2.0
60
50
110
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V Forward Current 2.0A
Parameter Symbol
device marking code
Maximum repetitive peak reverse voltage
Maximum RSM voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical thermal resistance (Note 1)
Operating junction and storage temperature range
–40 to +150
0.50
0.70
0.85
0.5
10.0


Podobny numer części - SM260B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SM260B BYTES-SM260B Datasheet
153Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM260B UNIOHM-SM260B Datasheet
67Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM260B SECOS-SM260B Datasheet
223Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
SM260B SECOS-SM260B Datasheet
230Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
SM260B TAYCHIPST-SM260B Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SM260B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
SM220A-E LRC-SM220A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM220B-E LRC-SM220B-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
SM320B LRC-SM320B Datasheet
84Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
logo
First Silicon Co., Ltd
SM520AF FS-SM520AF Datasheet
159Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
logo
Leshan Radio Company
SM320A LRC-SM320A Datasheet
253Kb / 4P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 3.0A
SM120A LRC-SM120A Datasheet
174Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM120A-E LRC-SM120A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 1.0A
SM520BF LRC-SM520BF Datasheet
302Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520BF-E LRC-SM520BF-E Datasheet
243Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
SM520A-E LRC-SM520A-E Datasheet
300Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 5.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com