Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM330C Arkusz danych(PDF) 4 Page - Leshan Radio Company

Numer części SM330C
Szczegółowy opis  VOLTAGE 20V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM330C Arkusz danych(HTML) 4 Page - Leshan Radio Company

  SM330C Datasheet HTML 1Page - Leshan Radio Company SM330C Datasheet HTML 2Page - Leshan Radio Company SM330C Datasheet HTML 3Page - Leshan Radio Company SM330C Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
T
C
d
A
B
P0
Top Cover Tape
Carrier Tape
Embossed Cavity
P1
W
D
D2
W1
D1
W2
E
E
Surface Mount Packaging
Packing
337x337x50
BOX SIZE
(mm)
SMC
Q'TY/REEL
(PCS)
REEL DIA.
(mm)
3K
330
DEVICE TYPE
Q'TY / CARTON
(PCS)
Q'TY/BOX
(PCS)
6K
CARTON / SIZE
(mm)
380x280x380
30K
Reel Taping Specifications for Surface Mount Devices
SMB
Reel outside diameter
Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Sprocket hole pitch
Sprocket hole pitch
Embossment center
Overall tape thickness
Tape width
Reel width
Reed width
Symbol
SMA
Item
SMC
A
50 min
13.5±1
1.75±0.1
5.5±0.05
4.0±0.1
4.0±0.1
2.0±0.05
0.6 max
12.0±0.3
18.4 (max)
14.4 (max)
2.7 (max)
5.3 (max)
2.66 (max)
1.50±0.1 DIA
50 min
13.5±1
1.75±0.1
5.5±0.05
8.0±0.1
4.0±0.1
2.0±0.05
0.6 max
12.0±0.3
18.4 (max)
14.4 (max)
4.0 (max)
5.9 (max)
3.0 (max)
1.50±0.1 DIA
330±2
330±2
330±2
50 min
13.5±1
1.75±0.1
7.5±0.1
8.0±0.1
4.0±0.1
2.0±0.05
0.6 max
16.0±0.3
22.4 (max)
18.4 (max)
2.7 (max)
5.3 (max)
2.66 (max)
1.50±0.1 DIA
B
C
d
D
D1
D2
E
F
P
P0
P1
T
W
W1
W2
Carrier width
Carrier length
Carrier depth
Sprocket hole
LESHAN RADIO COMPANY, LTD.


Podobny numer części - SM330C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
UNIOHM CORPORATION
SM330C UNIOHM-SM330C Datasheet
66Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Taychipst Elec...
SM330C TAYCHIPST-SM330C Datasheet
3Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM330C AITSEMI-SM330C Datasheet
524Kb / 5P
   2 PIN SCHOTTKY DIODES 3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
REV1.0
More results

Podobny opis - SM330C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Silicon Co., Ltd
SK37 FS-SK37 Datasheet
239Kb / 3P
   VOLTAGE 70V ~ 100V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32A FS-SK32A Datasheet
186Kb / 3P
   VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
SK32 FS-SK32 Datasheet
299Kb / 3P
   VOLTAGE 20V ~ 60V 3.0AMP Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SK32AF WILLAS-SK32AF Datasheet
326Kb / 2P
   3.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
First Silicon Co., Ltd
SK52 FS-SK52 Datasheet
360Kb / 4P
   VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
SK52B FS-SK52B Datasheet
296Kb / 4P
   VOLTAGE 20V ~ 100V 5.0AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
1N5820 SECOS-1N5820 Datasheet
119Kb / 2P
   VOLTAGE 20V ~ 40V 3.0AMP Schottky Barrier Rectifiers
SM320A SECOS-SM320A_12 Datasheet
208Kb / 2P
   Voltage 20V ~ 100V 3.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SS32A FS-SS32A Datasheet
285Kb / 3P
   Voltage 20V ~ 100V , 3.0 Amper Surface Mount Schottky Barrier Rectifiers
logo
E-CMOS Corporation
EC7122M E-CMOS-EC7122M Datasheet
418Kb / 2P
   2.0A Surface Mount Schottky Barrier Rectifiers - 20V- 100V
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com