Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8195ACPZ Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8195ACPZ
Szczegółowy opis  HDMI/DVI Buffer with Equalization
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8195ACPZ Arkusz danych(HTML) 1 Page - Analog Devices

  AD8195ACPZ Datasheet HTML 1Page - Analog Devices AD8195ACPZ Datasheet HTML 2Page - Analog Devices AD8195ACPZ Datasheet HTML 3Page - Analog Devices AD8195ACPZ Datasheet HTML 4Page - Analog Devices AD8195ACPZ Datasheet HTML 5Page - Analog Devices AD8195ACPZ Datasheet HTML 6Page - Analog Devices AD8195ACPZ Datasheet HTML 7Page - Analog Devices AD8195ACPZ Datasheet HTML 8Page - Analog Devices AD8195ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
HDMI/DVI Buffer with Equalization
Data Sheet
AD8195
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2012 Analog Devices, Inc. All rights reserved.
FEATURES
1 input, 1 output HDMI/DVI link
Enables HDMI 1.3a-compliant front panel input
4 TMDS channels per link
Supports 250 Mbps to 2.25 Gbps data rates
Supports 25 MHz to 225 MHz pixel clocks
Equalized inputs for operation with long HDMI cables
(20 m at 2.25 Gbps)
Preemphasized outputs
Fully buffered unidirectional inputs/outputs
50 Ω on-chip terminations
Low added jitter
Transmitter disable feature
Reduces power dissipation
Disables input termination
3 auxiliary buffered channels per link
Bidirectional buffered DDC lines (SDA and SCL)
Bidirectional buffered CEC line with integrated pull-up
resistors (27 kΩ)
Independently powered from 5 V of HDMI input
connector
Logic level translation (3.3 V, 5 V)
Input/output capacitance isolation
Standards compatible: HDMI, DVI, HDCP, DDC, CEC
40-lead LFCSP_VQ package (6 mm × 6 mm)
APPLICATIONS
Front panel buffer for advanced television (HDTV) sets
GENERAL DESCRIPTION
The AD8195 is an HDMI/DVI buffer featuring equalized TMDS
inputs and preemphasized TMDS outputs, ideal for systems with
long cable runs. The AD8195 includes bidirectional buffering
for the DDC bus and bidirectional buffering with integrated
pull-up resistors for the CEC bus. The DDC and CEC buffers
are powered independently of the TMDS buffers so that DDC/
CEC functionality can be maintained when the system is powered
off. The AD8195 meets all the requirements for sink tests as
defined in Section 8 of the HDMI Compliance Test 1.3c.
The AD8195 is specified to operate over the −40°C to +85°C
temperature range.
FUNCTIONAL BLOCK DIAGRAM
IP[3:0]
IN[3:0]
VTTI
OP[3:0]
AMUXVCC
AVEE
VTTO
AVCC
ON[3:0]
VREF_IN
VREF_OUT
+
+
EQ
BUFFER
PE
CONTROL
LOGIC
4
4
4
2
2
4
HIGH SPEED
BUFFERED
LOW SPEED
BUFFERED
PARALLEL
BIDIRECTIONAL
AD8195
SCL_IN
SDA_IN
SCL_OUT
SDA_OUT
CEC_IN
CEC_OUT
Figure 1.
TYPICAL APPLICATION
MEDIA CENTER
SET-TOP BOX
DVD PLAYER
HDTV SET
4:1 HDMI
SWITCH
AD8195
HDMI
RECEIVER
FRONT PANEL
CONNECTOR
BACK PANEL
CONNECTORS
GAME
CONSOLE
Figure 2. Typical AD8195 Application for HDTV Sets
PRODUCT HIGHLIGHTS
1. Enables a fully HDMI 1.3a-compliant front panel input.
2. Supports data rates of up to 2.25 Gbps, enabling 1080p deep
color (12-bit color) HDMI formats and greater than UXGA
(1600 × 1200) DVI resolutions.
3. Input cable equalizer enables use of long cables; more than
20 meters (24 AWG) at data rates of up to 2.25 Gbps.
4. Auxiliary buffer isolates and buffers the DDC bus and CEC
line for a single chip, fully HDMI 1.3a-compliant solution.
5. Auxiliary buffer is powered independently from the TMDS
link so that DDC/CEC functionality can be maintained
when the system is powered off.


Podobny numer części - AD8195ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190-EVAL AD-AD8190-EVAL Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190ACPZ AD-AD8190ACPZ Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190ACPZ-R7 AD-AD8190ACPZ-R7 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
More results

Podobny opis - AD8195ACPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com