Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9225ARZ Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD9225ARZ
Szczegółowy opis  Complete 12-Bit, 25 MSPS Monolithic A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9225ARZ Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD9225ARZ Datasheet HTML 2Page - Analog Devices AD9225ARZ Datasheet HTML 3Page - Analog Devices AD9225ARZ Datasheet HTML 4Page - Analog Devices AD9225ARZ Datasheet HTML 5Page - Analog Devices AD9225ARZ Datasheet HTML 6Page - Analog Devices AD9225ARZ Datasheet HTML 7Page - Analog Devices AD9225ARZ Datasheet HTML 8Page - Analog Devices AD9225ARZ Datasheet HTML 9Page - Analog Devices AD9225ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
–6–
AD9225–Typical Performance Characteristics
Title
1.00
–1.00
–0.25
–0.50
–0.75
0.75
0.00
0.50
0.25
04095
511
1022
1533
2044
2555
3066
3577
TPC 1. Typical DNL
FREQUENCY (MHz)
75
70
50
1
10
65
60
55
20dB 2V INT REF
6dB 2V INT REF
0.5dB 2V INT REF
TPC 2. SINAD vs. Input Frequency (Input Span = 4.0 V p-p,
VCM = 2.5 V Differential Input)
FREQUENCY (MHz)
–60
–65
–85
1
10
–70
–75
–80
20.0dB 2V INT REF
6.0dB 2V INT REF
0.5dB 2V INT REF
TPC 3. THD vs. Input Frequency (Input Span = 4.0 V p-p,
VCM = 2.5 V Differential Input)
2.00
1.50
0.50
511
1.00
0.50
0
1.00
1.50
2.00
1022
1533
2044
2555
3066
3577
4095
0
TITLE
TPC 4. Typical INL
FREQUENCY (MHz)
70
65
45
1
10
60
55
50
0.5dB INT 1V
20dB INT 1V
6dB INT 1V
TPC 5. SINAD vs. Input Frequency (Input Span = 2 V p-p
VCM = 2.5 V Differential Input)
FREQUENCY (MHz)
–60
–65
–85
1
10
–70
–75
–80
0.5dB INT 1V
20dB INT 1V
6dB INT 1V
TPC 6. THD vs. Input Frequency (Input Span = 2 V p-p,
VCM = 2.5 V Differential Input)
(AVDD, DRVDD = 5 V, fS = 25 MHz (50% Duty Cycle), unless otherwise noted.)
Rev. C


Podobny numer części - AD9225ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9225ARZ AD-AD9225ARZ Datasheet
988Kb / 26P
   Monolithic A/D Converter
AD9225ARZRL AD-AD9225ARZRL Datasheet
988Kb / 26P
   Monolithic A/D Converter
More results

Podobny opis - AD9225ARZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
AD9225 AD-AD9225 Datasheet
321Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_15 Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9224ARSZ AD-AD9224ARSZ Datasheet
316Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A Datasheet
330Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD1672 AD-AD1672 Datasheet
465Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
AD1672 AD-AD1672_15 Datasheet
430Kb / 20P
   Complete 12-Bit, 3 MSPS Monolithic A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com