Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9240ASZ Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD9240ASZ
Szczegółowy opis  Complete 14-Bit, 10 MSPS Monolithic A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9240ASZ Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD9240ASZ Datasheet HTML 6Page - Analog Devices AD9240ASZ Datasheet HTML 7Page - Analog Devices AD9240ASZ Datasheet HTML 8Page - Analog Devices AD9240ASZ Datasheet HTML 9Page - Analog Devices AD9240ASZ Datasheet HTML 10Page - Analog Devices AD9240ASZ Datasheet HTML 11Page - Analog Devices AD9240ASZ Datasheet HTML 12Page - Analog Devices AD9240ASZ Datasheet HTML 13Page - Analog Devices AD9240ASZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD9240
REV.
–10–
Figure 27 compares the AD9240’s THD vs. frequency perfor-
mance for a 2 V input span with a common-mode voltage of
1 V and 2.5 V. Note the difference in the amount of degrada-
tion in THD performance as the input frequency increases.
Similarly, note how the THD performance at lower frequencies
becomes less sensitive to the common-mode voltage. As the
input frequency approaches dc, the distortion will be domi-
nated by static nonlinearities such as INL and DNL. It is
important to note that these dc static nonlinearities are inde-
pendent of any RON modulation.
–50
–80
0.1
1
20
–70
–60
–90
10
FREQUENCY – MHz
VCM = 1.0V
VCM = 2.5V
Figure 27. THD vs. Frequency for VCM = 2.5 V and 1.0 V
(AIN = –0.5 dB, Input Span = 2.0 V p-p)
Due to the high degree of symmetry within the SHA topology, a
significant improvement in distortion performance for differen-
tial input signals with frequencies up to and beyond Nyquist can
be realized. This inherent symmetry provides excellent cancella-
tion of both common-mode distortion and noise. Also, the
required input signal voltage span is reduced a factor of two
which further reduces the degree of RON modulation and its
effects on distortion.
The optimum noise and dc linearity performance for either
differential or single-ended inputs is achieved with the largest
input signal voltage span (i.e., 5 V input span) and matched
input impedance for VINA and VINB. Note that only a slight
degradation in dc linearity performance exists between the
2 V and 5 V input span as specified in the AD9240 DC
SPECIFICATIONS.
Referring to Figure 24, the differential SHA is implemented
using a switched-capacitor topology. Hence, its input imped-
ance and its subsequent effects on the input drive source should
be understood to maximize the converter’s performance. The
combination of the pin capacitance, CPIN, parasitic capacitance
CPAR, and the sampling capacitance, CS, is typically less than
16 pF. When the SHA goes into track mode, the input source
must charge or discharge the voltage stored on CS to the new
input voltage. This action of charging and discharging CS which
is approximately 4 pF, averaged over a period of time and for a
given sampling frequency, FS, makes the input impedance ap-
pear to have a benign resistive component (i.e., 83 k
Ω at F
S =
10 MSPS). However, if this action is analyzed within a sam-
pling period (i.e., T = <1/FS), the input impedance is dynamic
due to the instantaneous requirement of charging and discharg-
ing CS. A series resistor inserted between the input drive source
and the SHA input as shown in Figure 28 provides effective
isolation.
10 F
VINA
VINB
SENSE
AD9240
0.1 F
RS*
VCC
VEE
RS*
VREF
REFCOM
*OPTIONAL SERIES RESISTOR
Figure 28. Series Resistor Isolates Switched-Capacitor
SHA Input from Op Amp. Matching Resistors Improve
SNR Performance
The optimum size of this resistor is dependent on several fac-
tors, which include the AD9240 sampling rate, the selected op
amp and the particular application. In most applications, a
30
Ω to 50 Ω resistor is sufficient; however, some applications
may require a larger resistor value to reduce the noise band-
width or possibly limit the fault current in an overvoltage
condition. Other applications may require a larger resistor value
as part of an antialiasing filter. In any case, since the THD
performance is dependent on the series resistance and the above
mentioned factors, optimizing this resistor value for a given
application is encouraged.
A slight improvement in SNR performance and dc offset
performance is achieved by matching the input resistance con-
nected to VINA and VINB. The degree of improvement is de-
pendent on the resistor value and the sampling rate. For series
resistor values greater than 100
Ω, the use of a matching resis-
tor is encouraged.
The noise or small-signal bandwidth of the AD9240 is the same
as its full-power bandwidth. For noise sensitive applications, the
excessive bandwidth may be detrimental and the addition of a
series resistor and/or shunt capacitor can help limit the wide-
band noise at the A/D’s input by forming a low-pass filter. Note,
however, that the combination of this series resistance with the
equivalent input capacitance of the AD9240 should be evalu-
ated for those time-domain applications that are sensitive to the
input signal’s absolute settling time. In applications where har-
monic distortion is not a primary concern, the series resistance
may be selected in combination with the SHA’s nominal 16 pF
of input capacitance to set the filter’s 3 dB cutoff frequency.
A better method of reducing the noise bandwidth, while possi-
bly establishing a real pole for an antialiasing filter, is to add
some additional shunt capacitance between the input (i.e.,
VINA and/or VINB) and analog ground. Since this additional
shunt capacitance combines with the equivalent input capaci-
tance of the AD9240, a lower series resistance can be selected to
establish the filter’s cutoff frequency while not degrading the
distortion performance of the device. The shunt capacitance
also acts as a charge reservoir, sinking or sourcing the additional
charge required by the hold capacitor, CH, further reducing
current transients seen at the op amp’s output.
The effect of this increased capacitive load on the op amp driv-
ing the AD9240 should be evaluated. To optimize performance
when noise is the primary consideration, increase the shunt
capacitance as much as the transient response of the input signal
will allow. Increasing the capacitance too much may adversely
affect the op amp’s settling time, frequency response and distor-
tion performance.
B


Podobny numer części - AD9240ASZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASZ AD-AD9240ASZ Datasheet
369Kb / 25P
   Monolithic A/D Converter
AD9240ASZRL AD-AD9240ASZRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASZRL AD-AD9240ASZRL Datasheet
369Kb / 25P
   Monolithic A/D Converter
More results

Podobny opis - AD9240ASZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9241 AD-AD9241 Datasheet
495Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9243 AD-AD9243_15 Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9243ASZ AD-AD9243ASZ Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9243 AD-AD9243 Datasheet
545Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9243ASRL AD-AD9243ASRL Datasheet
403Kb / 24P
   Complete 14-Bit, 3.0 MSPS Monolithic A/D Converter
REV. A
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
AD9241ASZ AD-AD9241ASZ Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com