Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADCLK925BCPZ-WP Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADCLK925BCPZ-WP
Szczegółowy opis  Ultrafast SiGe ECL Clock/Data Buffers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADCLK925BCPZ-WP Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADCLK925BCPZ-WP Datasheet HTML 2Page - Analog Devices ADCLK925BCPZ-WP Datasheet HTML 3Page - Analog Devices ADCLK925BCPZ-WP Datasheet HTML 4Page - Analog Devices ADCLK925BCPZ-WP Datasheet HTML 5Page - Analog Devices ADCLK925BCPZ-WP Datasheet HTML 6Page - Analog Devices ADCLK925BCPZ-WP Datasheet HTML 7Page - Analog Devices ADCLK925BCPZ-WP Datasheet HTML 8Page - Analog Devices ADCLK925BCPZ-WP Datasheet HTML 9Page - Analog Devices ADCLK925BCPZ-WP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCLK905/ADCLK907/ADCLK925
Rev. 0 | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
D
2
D
3
NC
4
NC
11 Q
12 Q
10 NC
9NC
ADCLK905
TOP VIEW
(Not to Scale)
Figure 4. ADCLK905 Pin Configuration
Table 4. Pin Function Descriptions for 1:1 ADCLK905 Buffer
Pin No.
Mnemonic
Description
1
D
Noninverting Input.
2
D
Inverting Input.
3, 4, 5, 6,
9, 10
NC
No Connect. No physical connection to the die.
7, 14
VEE
Negative Supply Voltage.
8, 13
VCC
Positive Supply Voltage.
11
Q
Inverting Output.
12
Q
Noninverting Output.
15
VREF
Reference Voltage. Reference voltage for biasing ac-coupled inputs.
16
VT
Center Tap. Center tap of 100 Ω input resistor.
Heat Sink
NC
No Connect. The metallic back surface of the package is not electrically connected to any part of the circuit.
It can be left floating for optimal electrical isolation between the package handle and the substrate of the die.
It can also be soldered to the application board if improved thermal and/or mechanical stability is desired.
Exposed metal at the corners of the package is connected to this back surface. Allow sufficient clearance
to vias and other components.
PIN 1
INDICATOR
1
D1
2
D1
3
D2
4
D2
11 Q1
12 Q1
10 Q2
9Q2
ADCLK907
TOP VIEW
(Not to Scale)
Figure 5. ADCLK907 Pin Configuration
Table 5. Pin Function Descriptions for Dual 1:1 ADCLK907 Buffer
Pin No.
Mnemonic
Description
1
D1
Noninverting Input 1.
2
D1
Inverting Input 1.
3
D2
Noninverting Input 2.
4
D2
Inverting Input 2.
5
VT2
Center Tap 2. Center tap of 100 Ω input resistor, Channel 2.
6
VREF2
Reference Voltage 2. Reference voltage for biasing ac-coupled inputs, Channel 2.
7, 14
VEE
Negative Supply Voltage.
8, 13
VCC
Positive Supply Voltage. Pin 8 and Pin 13 are not strapped internally.
9
Q2
Inverting Output 2.


Podobny numer części - ADCLK925BCPZ-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADCLK925BCPZ-WP AD-ADCLK925BCPZ-WP Datasheet
867Kb / 16P
   Ultrafast SiGe ECL Clock/Data Buffers
More results

Podobny opis - ADCLK925BCPZ-WP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADCLK907 AD-ADCLK907_15 Datasheet
1Mb / 16P
   Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK905 AD-ADCLK905 Datasheet
1Mb / 16P
   Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK905 AD-ADCLK905_15 Datasheet
1Mb / 16P
   Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK925 AD-ADCLK925_15 Datasheet
1Mb / 16P
   Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK905 AD-ADCLK905_17 Datasheet
867Kb / 16P
   Ultrafast SiGe ECL Clock/Data Buffers
ADCLK914 AD-ADCLK914 Datasheet
302Kb / 11P
   Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
ADCLK914BCPZ-WP AD-ADCLK914BCPZ-WP Datasheet
304Kb / 12P
   Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
REV. A
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
logo
Analog Devices
ADCMP580 AD-ADCMP580 Datasheet
305Kb / 16P
   Ultrafast SiGe Voltage Comparator
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com