Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM74ALS163BM Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części DM74ALS163BM
Szczegółowy opis  Synchronous Four-Bit Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS163BM Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

  DM74ALS163BM Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS163BM Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS163BM Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS163BM Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS163BM Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS163BM Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS163BM Datasheet HTML 7Page - Fairchild Semiconductor DM74ALS163BM Datasheet HTML 8Page - Fairchild Semiconductor DM74ALS163BM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics DM74ALS161B
over recommended operating free air temperature range.
Switching Characteristics DM74ALS162B, DM74ALS163B
over recommended operating free air temperature range.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
VOH
HIGH Level
IOH = −0.4 mA
VCC − 2V
Output Voltage
VCC = 4.5V to 5.5V
VOL
LOW Level
VCC = 4.5V
IOL = 4 mA
0.25
0.4
V
Output Voltage
IOL = 8 mA
0.35
0.5
V
II
Input Current at Max
VCC = 5.5V, VIH = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.2
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
ICC
Supply Current
VCC = 5.5V
12
21
mA
Symbol
Parameter
Conditions
From
To
Min
Max
Units
fMAX
Maximum Clock Frequency
VCC = 4.5V to 5.5V
40
MHz
tPLH
Propagation Delay Time
RL = 500Ω
Clock
Ripple
520
ns
LOW-to-HIGH Level Output
CL = 50 pF
Carry
tPHL
Propagation Delay Time
Clock
Ripple
520
ns
HIGH-to-LOW Level Output
Carry
tPLH
Propagation Delay Time
Clock
Any Q
4
15
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock
Any Q
6
20
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
En T
Ripple
313
ns
LOW-to-HIGH Level Output
Carry
tPHL
Propagation Delay Time
En T
Ripple
313
ns
HIGH-to-LOW Level Output
Carry
tPHL
Propagation Delay Time
Clear
Any Q
8
24
ns
HIGH-to-LOW Level Output
Clear
Ripple
11
23
ns
Carry
Symbol
Parameter
Conditions
From
To
Min
Max
Units
fMAX
Maximum Clock Frequency
VCC = 4.5V to 5.5V
40
MHz
tPLH
Propagation Delay Time
RL = 500Ω
Clock
Ripple
520
ns
LOW-to-HIGH Level Output
CL = 50 pF
Carry
tPHL
Propagation Delay Time
TA = Min to Max
Clock
Ripple
520
ns
HIGH-to-LOW Level Output
Carry
tPLH
Propagation Delay Time
Clock
Any Q
4
15
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock
Any Q
6
20
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
En T
Ripple
313
ns
LOW-to-HIGH Level Output
Carry
tPHL
Propagation Delay Time
En T
Ripple
313
ns
HIGH-to-LOW Level Output
Carry


Podobny numer części - DM74ALS163BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74ALS165 FAIRCHILD-DM74ALS165 Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165M FAIRCHILD-DM74ALS165M Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165MX FAIRCHILD-DM74ALS165MX Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165N FAIRCHILD-DM74ALS165N Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
DM74ALS165NX FAIRCHILD-DM74ALS165NX Datasheet
63Kb / 6P
   8-Bit Parallel In/Serial Out Shift Register
More results

Podobny opis - DM74ALS163BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74AS161 FAIRCHILD-DM74AS161 Datasheet
72Kb / 7P
   Synchronous 4-Bit Counter with Asynchronous Clear . Synchronous 4-Bit Counter
logo
LSI Computer Systems
LS7566 LSI-LS7566 Datasheet
87Kb / 13P
   24-BIT FOUR-AXES QUADRATURE COUNTER
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
logo
STMicroelectronics
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
logo
Texas Instruments
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
74AC11160 TI-74AC11160 Datasheet
115Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
logo
STMicroelectronics
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com