Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-EL25-SVK00 Arkusz danych(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-EL25-SVK00
Szczegółowy opis  Precision Optical Performance AlInGaP II LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL25-SVK00 Arkusz danych(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EL25-SVK00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-SVK00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
T-13/4 (5 mm) Precision Optical Performance AlInGaP II Led Lamps (Continued)
Selection Guide
Typical Viewing
Angle
2q1/2
(Deg.)[2]
Color and
Dominant
Wavelength
(nm), Typ.[1]
Lamps Without Standoffs
(Outline Drawing A)
Lamps With Standoffs
(Outline Drawing B)
Luminous
Intensity Iv (mcd) [3,4,5]
@ I(f) = 20 mA
Min.
Max.
30°
Am­ber 592
HLMP-EL31-P0000
880
HLMP-EL31-QT000
HLMP-EL33-QT000
1150
3200
HLMP-EL31-QTR00
1150
3200
HLMP-EL31-SV000
HLMP-EL33-SV000
1900
5500
HLMP-EL31-SVK00
1900
5500
HLMP-EL31-SVR00
HLMP-EL33-SVR00
1900
5500
HLMP-EL31-STR00
1900
3200
HLMP-EL31-SUK00
1900
4200
HLMP-EL31-SUS00
1900
4200
HLMP-EL31-SUR00
1900
4200
HLMP-EL31-SVK00
1900
5500
HLMP-EL31-SVS00
1900
5500
Red-Orange 617
HLMP-EH31-QT000
1150
3200
HLMP-EH33-RU000
1500
4200
HLMP-EH31-SV000
HLMP-EH33-SV000
1900
5500
Red 630
HLMP-ED31-Q0000
HLMP-ED33-Q0000
1150
HLMP-ED31-QTT00
1150
3200
HLMP-ED31-ST000
1900
3200
HLMP-ED31-SUT00
1900
4200
HLMP-ED31-RU000
1500
4200
HLMP-ED31-RUT00
HLMP-ED33-RUT00
1500
4200
HLMP-ED31-SV000
HLMP-ED33-SV000
1900
5500
HLMP-ED31-SVT00
HLMP-ED33-SVT00
1900
5500
Notes:
1. Dom­inant Wavelength, λd, is derived from­ the CIE Chrom­aticity Diagram­ and represents the color of the lam­p.
2. q1/2 is the off-axis angle where the lum­inous intensity is one half the on-axis intensity.
3. The lum­inous intensity is m­easured on the m­echanical axis of the lam­p package.
4. The optical axis is closely aligned with the package m­echanical axis.
5. Tolerance for each intensity bin lim­it is ± 15%.


Podobny numer części - HLMP-EL25-SVK00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-EL25-SVK00 BOARDCOM-HLMP-EL25-SVK00 Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results

Podobny opis - HLMP-EL25-SVK00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com