Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-EL25-TWK00 Arkusz danych(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-EL25-TWK00
Szczegółowy opis  Precision Optical Performance AlInGaP II LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL25-TWK00 Arkusz danych(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EL25-TWK00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWK00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWK00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWK00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWK00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWK00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWK00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWK00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWK00 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Absolute Maximum Ratings at TA = 25°C
DC Forward Current[1,2,3] ..................................................................................... 50 m­A
Peak Pulsed Forward Current[2,3] .......................................................................100 m­A
Average Forward Current ...................................................................................... 30 m­A
Reverse Voltage (IR = 100 µA)........................................................................................ 5 V
LED Junction Tem­perature....................................................................................... 130°C
Operating Tem­perature .........................................................................-40°C to +100°C
Storage Tem­perature ..............................................................................-40°C to +100°C
Notes:
1. Derate linearly as shown in Figure 4.
2. For long term­ perform­ance with m­inim­al light output degradation, drive currents between
10 m­A and 30 m­A are recom­m­ended. For m­ore inform­ation on recom­m­ended drive condi-
tions, please refer to Application Brief I-024 (5966-3087E).
3. Please contact your sales representative about operating currents below 10 m­A.
Package Dimensions
A
B
2.35 (0.093)
MAX.
5.80
± 0.20
(0.228
± 0.008)
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244) MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
2.54
± 0.38
(0.100
± 0.015)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
CATHODE
LEAD
CATHODE
FLAT
8.71
± 0.20
(0.343
± 0.008
1.14
± 0.20
(0.045
± 0.008)
1.14
± 0.20
(0.045
± 0.008)
5.00
± 0.20
(0.197
± 0.008)
31.60
(1.244) MIN.
0.70 (0.028)
MAX.
1.00
(0.039)
MIN.
8.71
± 0.20
(0.343
± 0.008)
0.50
± 0.10
(0.020
± 0.004)
SQ. TYP.
CATHODE
LEAD
d
1.50
± 0.15
(0.059
± 0.006)
5.80
± 0.20
(0.228
± 0.008)
2.54
± 0.38
(0.100
± 0.015)
CATHODE
FLAT
PART NO.
d
HLMP-EX18-xxxxx
12.60 ± 0.18
(0.496 ± 0.007)
HLMP-EX27-xxxxx
11.33 ± 0.25
(0.446 ± 0.010)
HLMP-EX33-xxxxx
11.99 ± 0.25
(0.472 ± 0.010)


Podobny numer części - HLMP-EL25-TWK00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-EL25-TWK00 BOARDCOM-HLMP-EL25-TWK00 Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results

Podobny opis - HLMP-EL25-TWK00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com