Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM2319P Arkusz danych(PDF) 2 Page - Analog Power

Numer części AM2319P
Szczegółowy opis  P - Channel Logic Level MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANALOGPOWER [Analog Power]
Strona internetowa  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2319P Arkusz danych(HTML) 2 Page - Analog Power

  AM2319P Datasheet HTML 1Page - Analog Power AM2319P Datasheet HTML 2Page - Analog Power AM2319P Datasheet HTML 3Page - Analog Power AM2319P Datasheet HTML 4Page - Analog Power AM2319P Datasheet HTML 5Page - Analog Power AM2319P Datasheet HTML 6Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
AM2319P
Analog Power
July, 2003 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM2319_H
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typical” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Min
Typ Max
VDS = -24 V, VGS = 0 V
-1
VDS = -24 V, VGS = 0 V, TJ = 55
oC
-10
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-1.30
V
On-State Drain Current
A
ID(on)
VDS = -5 V, VGS = -4.5 V
-3
A
VGS = -10 V, ID = -2.1 A
0.20
VGS = -4.5 V, ID = -1.7 A
0.30
Forward Tranconductance
A
gfs
VDS = -5 V, ID = -2.1 A
2
S
Diode Forward Voltage
VSD
IS = -0.4 A, VGS = 0 V
-0.70
-1.2
V
Total Gate Charge
Qg
3.4
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
1.5
Turn-On Delay Time
td(on)
8
Rise Time
tr
18
Turn-Off Delay Time
td(off)
52
Fall-Time
tf
39
SPECIFICATIONS (TA = 25
o
C UNLESS OTHERWISE NOTED)
Static
Test Conditions
Zero Gate Voltage Drain Current
IDSS
µA
Symbol
Parameter
Limits
nC
VDS = -10 V, ID = -1.1 A,
RG = 50 Ω,
VGEN = -10 V
Unit
Drain-Source On-Resistance
A
rDS(on)
ns
Dynamic
b
VDS = -10 V, VGS = -5 V,
ID = -2.1 A


Podobny numer części - AM2319P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
AM2319P-T1-PF VBSEMI-AM2319P-T1-PF Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Podobny opis - AM2319P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM2317P ANALOGPOWER-AM2317P Datasheet
243Kb / 6P
   P - Channel Logic Level MOSFET
logo
Fairchild Semiconductor
FDD5202P FAIRCHILD-FDD5202P Datasheet
59Kb / 5P
   P-Channel, Logic Level, MOSFET
logo
Analog Power
AM2313P ANALOGPOWER-AM2313P Datasheet
245Kb / 5P
   P - Channel Logic Level MOSFET
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com