Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN4661BRZ-REEL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADN4661BRZ-REEL7
Szczegółowy opis  Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN4661BRZ-REEL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADN4661BRZ-REEL7 Datasheet HTML 4Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 5Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 6Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 7Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 8Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 9Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 10Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 11Page - Analog Devices ADN4661BRZ-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADN4661
Rev. 0 | Page 9 of 12
50
10
20
30
40
0
AMBIENT TEMPERATURE, TA (°C)
–40
–20
0
20
40
60
80
100
VCC = 3.3V
f = 1MHz
CL = 15pF
RL = 100Ω
Figure 18. Differential Skew vs. Ambient Temperature
400
340
360
380
320
3.0
3.1
3.2
3.3
3.4
3.5
3.6
POWER SUPPLY VOLTAGE, VCC (V)
TA = 25°C
f = 1MHz
CL = 15pF
RL = 100Ω
tTLH
tTHL
Figure 19. Transition Time vs. Power Supply Voltage
400
340
360
380
320
AMBIENT TEMPERATURE, TA (°C)
–40
–20
0
20
40
60
80
100
tTLH
tTHL
VCC = 3.3V
f = 1MHz
CL = 15pF
RL = 100Ω
Figure 20. Transition Time vs. Ambient Temperature


Podobny numer części - ADN4661BRZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ-REEL7 AD-ADN4661BRZ-REEL7 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4661BRZ-REEL71 AD-ADN4661BRZ-REEL71 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
More results

Podobny opis - ADN4661BRZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661BRZ AD-ADN4661BRZ Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
REV. 0
ADN4661 AD-ADN4661 Datasheet
251Kb / 12P
   Single, 3 V, CMOS, LVDS, High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
Rev. 0
ADN4663BRZ AD-ADN4663BRZ Datasheet
249Kb / 12P
   Dual, 3 V, CMOS, LVDS High Speed Differential Driver
REV. 0
logo
National Semiconductor ...
DS90LV017 NSC-DS90LV017 Datasheet
480Kb / 4P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A_05 Datasheet
633Kb / 8P
   LVDS Single High Speed Differential Driver
DS90LV017A NSC-DS90LV017A Datasheet
194Kb / 7P
   LVDS Single High Speed Differential Driver
logo
Texas Instruments
DSLVDS1001 TI1-DSLVDS1001 Datasheet
653Kb / 25P
[Old version datasheet]   3.3-V LVDS Single Channel High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com