Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADW71205WSTZ Datasheet(Arkusz danych) 6 Page - Analog Devices

Numer części ADW71205WSTZ
Szczegółowy opis  12-Bit RDC with Reference Oscillator
Pobierz  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 6 page
background image
AD2S1205
Rev. A | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
44
43
40
38
42
36
39
35
34
41
37
DVDD 1
RD
2
CS
3
SAMPLE
4
RDVEL
5
SOE
6
DB11/SO
7
DB10/SCLK
8
DB9
9
DB8 10
DB7 11
RESET
33
FS2
32
FS1
31
LOT
30
DOS
29
AD2S1205
TOP VIEW
(Not to Scale)
DIR
28
NM
27
B
26
A
25
CPO
24
DGND
23
12
13
14
15
16
17
18
19
20
21
22
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 17
DVDD
Digital Supply Voltage, 4.75 V to 5.25 V. This is the supply voltage for all digital circuitry on the AD2S1205. The
AVDD and DVDD voltages ideally should be at the same potential and must not be more than 0.3 V apart, even
on a transient basis.
2
RD
Edge-Triggered Logic Input. This pin acts as a frame synchronization signal and output enable. The output buffer is
enabled when CS and RD are held low.
3
CS
Chip Select. Active low logic input. The device is enabled when CS is held low.
4
SAMPLE
Sample Result. Logic input. Data is transferred from the position and velocity integrators to the position and
velocity registers, respectively, after a high-to-low transition on the SAMPLE signal.
5
RDVEL
Read Velocity. Logic input. RDVEL input is used to select between the angular position register and the angular
velocity register. RDVEL is held high to select the angular position register and low to select the angular
velocity register.
6
SOE
Serial Output Enable. Logic input. This pin enables either the parallel or serial interface. The serial interface is
selected by holding the SOE pin low, and the parallel interface is selected by holding the SOE pin high.
7
DB11/SO
Data Bit 11/Serial Data Output Bus. When the SOE pin is high, this pin acts as DB11, a three-state data output pin
controlled by CS and RD. When the SOE pin is low, this pin acts as SO, the serial data output bus controlled by CS
and RD. The bits are clocked out on the rising edge of SCLK.
8
DB10/SCLK
Data Bit 10/Serial Clock. In parallel mode this pin acts as DB10, a three-state data output pin controlled by CS and RD.
In serial mode this pin acts as the serial clock input.
9 to 15
DB9 to DB3
Data Bit 9 to Data Bit 3. Three-state data output pins controlled by CS and RD.
16, 23
DGND
Digital Ground. These pins are ground reference points for digital circuitry on the AD2S1205. All digital input
signals should be referred to this DGND voltage. Both of these pins can be connected to the AGND plane of a
system. The DGND and AGND voltages should ideally be at the same potential and must not be more than 0.3 V
apart, even on a transient basis.
18 to 20
DB2 to DB0
Data Bit 2 to Data Bit 0. Three-state data output pins controlled by CS and RD.
21
XTALOUT
Crystal Output. To achieve the specified dynamic performance, an external crystal is recommended at the CLKIN and
XTALOUT pins. The position and velocity accuracy are guaranteed for a frequency range of 8.192 MHz ± 25%.
22
CLKIN
Clock Input. To achieve the specified dynamic performance, an external crystal is recommended at the CLKIN and
XTALOUT pins. The position and velocity accuracy are guaranteed for a frequency range of 8.192 MHz ± 25%.
24
CPO
Charge-Pump Output. Analog output. A 204.8 kHz square wave output with a 50% duty cycle is available at the
CPO output pin. This square wave output can be used for negative rail voltage generation or to create a VCC rail.
25
A
Incremental Encoder Emulation Output A. Logic output. This output is free running and is valid if the resolver format
input signals applied to the converter are valid.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl